Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPS602 Datasheet(PDF) 10 Page - E-Tech Electronics LTD

Part # UPS602
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UPS602 Datasheet(HTML) 10 Page - E-Tech Electronics LTD

Back Button UPS602 Datasheet HTML 4Page - E-Tech Electronics LTD UPS602 Datasheet HTML 5Page - E-Tech Electronics LTD UPS602 Datasheet HTML 6Page - E-Tech Electronics LTD UPS602 Datasheet HTML 7Page - E-Tech Electronics LTD UPS602 Datasheet HTML 8Page - E-Tech Electronics LTD UPS602 Datasheet HTML 9Page - E-Tech Electronics LTD UPS602 Datasheet HTML 10Page - E-Tech Electronics LTD UPS602 Datasheet HTML 11Page - E-Tech Electronics LTD UPS602 Datasheet HTML 12Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
UPS602
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 12
www.unisonic.com.tw
QW-R119-005.I
TYPICAL APPLICATION CIRCUIT
FIG.10 UTC UPS602 Typical Application Circuit
Table1. Components reference description for UPS602 application circuit
DESIGNATOR
PART TYPE
DESIGNATOR
PART TYPE
DESIGNATOR
PART TYPE
C1
22μF
R1
2.2MΩ
D1
FR107
C2
0.001μF
R2
2.2MΩ
D2
SB3100
C3
22μF
R3
68KΩ
D3
RS1D
C4
330μF
R4
100
IC1
UPS602
C5
330μF
R5
1MΩ
IC2
PC-817
C6
0.1μF
R6
5.6Ω
IC3
TL431
C7
0.01μF
R7
0Ω
YC1
222
C8
0.001μF
R8
15Ω
T1
EE22
C9
0.1μF
R9
560Ω
L1
UU10.5
C10
220μF
R10
1KΩ
L2
2uH
R11
1.5Ω
LD1
LED
R12
3.9KΩ
F1
1A/250V
R13
15KΩ
ZNR1
7D471K
R14
1.8KΩ
BD1
DI106
R15
1.5MΩ~4.0MΩ


Similar Part No. - UPS602

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS602 UTC-UPS602 Datasheet
258Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602 Datasheet
582Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602-D08-T UTC-UPS602-D08-T Datasheet
258Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602G-D08-T UTC-UPS602G-D08-T Datasheet
582Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602G-D08-T UTC-UPS602G-D08-T Datasheet
582Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results

Similar Description - UPS602

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS601 UTC-UPS601 Datasheet
257Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602 Datasheet
258Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652 UTC-UPS3652 Datasheet
432Kb / 9P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS702 UTC-UPS702 Datasheet
529Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 UTC-UPS703 Datasheet
560Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1651S UTC-UCS1651S Datasheet
288Kb / 8P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1704S UTC-UCS1704S Datasheet
301Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US1602 UTC-US1602 Datasheet
369Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS17005S UTC-UCS17005S Datasheet
300Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS601 UTC-UPS601_15 Datasheet
605Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602_15 Datasheet
582Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com