Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM606 Datasheet(PDF) 9 Page - E-Tech Electronics LTD

Part # UM606
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UM606 Datasheet(HTML) 9 Page - E-Tech Electronics LTD

  UM606 Datasheet HTML 1Page - E-Tech Electronics LTD UM606 Datasheet HTML 2Page - E-Tech Electronics LTD UM606 Datasheet HTML 3Page - E-Tech Electronics LTD UM606 Datasheet HTML 4Page - E-Tech Electronics LTD UM606 Datasheet HTML 5Page - E-Tech Electronics LTD UM606 Datasheet HTML 6Page - E-Tech Electronics LTD UM606 Datasheet HTML 7Page - E-Tech Electronics LTD UM606 Datasheet HTML 8Page - E-Tech Electronics LTD UM606 Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
UM606
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R105-034.F
TYPICAL PERFORMANCE CHARACTERISTICS(Cont.)
Output Short Circuit Current vs.
Ambient Temperature
Ambient Temperature, TA(°C)
100
-40
-20
120
20
60
40
50
0
10
40
20
30
60
080
VCC=2.5V,
VCC=5V,
VCC=12.5V
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UM606

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM606 ETC1-UM606 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Unisonic Technologies
UM606 UTC-UM606 Datasheet
281Kb / 7P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
UM606 UTC-UM606 Datasheet
296Kb / 7P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
UM606 UTC-UM606 Datasheet
274Kb / 8P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
UM606DG-AG6-R UTC-UM606DG-AG6-R Datasheet
274Kb / 8P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results

Similar Description - UM606

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_07 Datasheet
218Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_10 Datasheet
693Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com