Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U3525 Datasheet(PDF) 5 Page - E-Tech Electronics LTD

Part # U3525
Description  REGULATING PWM IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

U3525 Datasheet(HTML) 5 Page - E-Tech Electronics LTD

  U3525 Datasheet HTML 1Page - E-Tech Electronics LTD U3525 Datasheet HTML 2Page - E-Tech Electronics LTD U3525 Datasheet HTML 3Page - E-Tech Electronics LTD U3525 Datasheet HTML 4Page - E-Tech Electronics LTD U3525 Datasheet HTML 5Page - E-Tech Electronics LTD U3525 Datasheet HTML 6Page - E-Tech Electronics LTD U3525 Datasheet HTML 7Page - E-Tech Electronics LTD U3525 Datasheet HTML 8Page - E-Tech Electronics LTD U3525 Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
U3525
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R103-032,A
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
ERROR AMPLIFIER SECTION (VCM = 5.1 V)
Output Low Level
0.2
0.5
V
Output High Level
3.8
5.6
V
Input Offset Voltage
VOS
2
10
mV
Input Bias Current
Ib
1
10
µA
Input Offset Current
Ios
1
µA
Comm. Mode Reject.
CMR
VCM = 1.5 ~ 5.2 V
60
75
dB
Supply Voltage Rejection
PSR
VIN = 8 ~ 35 V
50
60
dB
DC Open Loop Gain
RL ≥10 MΩ
60
75
dB
DC Transconduct. (Note 1, 3)
30 KΩ ≤RL≤1 MΩ, TJ = 25℃
1.1
1.5
ms
Gain Bandwidth Product (Note 1)
Gv = 0 dB, TJ = 25℃
1
2
MHz
PWM COMPARATOR
Zero Duty-cycle
0.7
0.9
V
Input Threshold (Note 2)
Maximum Duty-cycle
3.3
3.6
V
Input Bias Current (Note 1)
0.05
1
µA
Minimum Duty-cycle
0
%
Maximum Duty-cycle (Note 2)
45
49
%
SHUTDOWN SECTION
Soft Start Low Level
VSD = 2.5 V
0.4
0.7
V
Shutdown Threshold
To outputs, VSS = 5.1 V, TJ = 25℃
0.6
0.8
1
V
Shutdown Input Current
VSD = 2.5 V
0.4
1
mA
Soft Start Current
VSD = 0 V, VSS = 0 V
25
50
80
µA
Shutdown Delay (Note 1)
VSD = 2.5 V, TJ = 25℃
0.2
0.5
µs
OUTPUT DRIVERS (each output) (VC = 20 V)
ISINK = 20 mA
0.2
0.4
V
Output Low Level
ISINK = 100 mA
1
2
V
ISOURCE = 20 mA
18
19
V
Output High Level
ISOURCE = 100 mA
17
18
V
Under-Voltage Lockout
VCOMP and VSS = High
6
7
8
V
Collector Leakage
IC
VC = 35 V
200
µA
Rise Time (Note 1)
tR
CL = 1 nF, TJ = 25 °C
100
600
ns
Fall Time (Note 1)
tF
CL = 1 nF, TJ = 25 °C
50
300
ns
TOTAL STANDBY CURRENT
Supply Current
IS
VIN = 35 V
14
20
mA
Note:1.The parameters are not 100% tested in production.
2.Tested at fosc=40 KHz (RT=3.6 K, CT=10nF, RD=0 ). Approximate oscillator frequency is defined by :
f =
1
CT(0.7RT + 3RD)
3.DC transconductance (gM) relates to DC open-loop voltage gain (GV) according to the following equation:
GV=gM RL where RL is the resistance from pin 9 to ground. The minimum gM specification is used to calculate
minimum GV when the error amplifier output is loaded.


Similar Part No. - U3525

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U3525 UTC-U3525 Datasheet
288Kb / 9P
   REGULATING PWM IC
U3525 UTC-U3525 Datasheet
294Kb / 10P
   REGULATING PWM IC
U3525-D16-T UTC-U3525-D16-T Datasheet
288Kb / 9P
   REGULATING PWM IC
U3525-D16-T UTC-U3525-D16-T Datasheet
294Kb / 9P
   REGULATING PWM IC
U3525-S16-R UTC-U3525-S16-R Datasheet
288Kb / 9P
   REGULATING PWM IC
More results

Similar Description - U3525

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U3525 UTC-U3525_15 Datasheet
294Kb / 9P
   REGULATING PWM IC
U3525 UTC-U3525 Datasheet
288Kb / 9P
   REGULATING PWM IC
U3525 UTC-U3525_16 Datasheet
294Kb / 10P
   REGULATING PWM IC
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
logo
ON Semiconductor
LV8824QA ONSEMI-LV8824QA Datasheet
909Kb / 13P
   PWM Driver IC
May, 2013
logo
Rohm
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P105FJ ROHM-BM1P105FJ Datasheet
1Mb / 31P
   PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com