Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N002-007-GN Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N002-007-GN
Description  Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Green, 7-ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N002-007-GN Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N002-007-GN Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N002-007-GN Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Type
CAT5/CAT5E
Model Type
Molded
INPUT
Cable Length (ft.)
7
Cable Length (m)
2.13
UPC ASSIGNMENT
Unit Carton UPC#
037332012760
PHYSICAL
Color
Green
Style
Cat5/5e
CONNECTIONS
Connector A
RJ45 (MALE)
Connector B
RJ45 (MALE)
CERTIFICATIONS
Certifications
RoHS-Compliant
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - N002-007-GN

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N002-007-GY TRIPPLITE-N002-007-GY Datasheet
472Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 7-ft.
More results

Similar Description - N002-007-GN

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N001-007-GN TRIPPLITE-N001-007-GN Datasheet
488Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Green, 7-ft.
N002-007-GY TRIPPLITE-N002-007-GY Datasheet
472Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Gray, 7-ft.
N002-007-BK TRIPPLITE-N002-007-BK Datasheet
476Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Black, 7-ft.
N002-007-YW TRIPPLITE-N002-007-YW Datasheet
486Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Yellow, 7-ft.
N002-007-RD TRIPPLITE-N002-007-RD Datasheet
488Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Red, 7-ft.
N002-007-WH TRIPPLITE-N002-007-WH Datasheet
476Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - White, 7-ft.
N002-007-BL TRIPPLITE-N002-007-BL Datasheet
481Kb / 2P
   Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Blue, 7-ft.
N001-007-RD TRIPPLITE-N001-007-RD Datasheet
482Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Red, 7-ft.
N001-007-BK TRIPPLITE-N001-007-BK Datasheet
474Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Black, 7-ft.
N001-007-GY TRIPPLITE-N001-007-GY Datasheet
473Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 7-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com