Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R070LD10 Datasheet(PDF) 6 Page - E-Tech Electronics LTD

Part # R070LD10
Description  VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

R070LD10 Datasheet(HTML) 6 Page - E-Tech Electronics LTD

Back Button R070LD10 Datasheet HTML 2Page - E-Tech Electronics LTD R070LD10 Datasheet HTML 3Page - E-Tech Electronics LTD R070LD10 Datasheet HTML 4Page - E-Tech Electronics LTD R070LD10 Datasheet HTML 5Page - E-Tech Electronics LTD R070LD10 Datasheet HTML 6Page - E-Tech Electronics LTD R070LD10 Datasheet HTML 7Page - E-Tech Electronics LTD R070LD10 Datasheet HTML 8Page - E-Tech Electronics LTD R070LD10 Datasheet HTML 9Page - E-Tech Electronics LTD R070LD10 Datasheet HTML 10Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
R070LD10
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R101-024.C
ELECTRICAL CHARACTERISTICS MEASURING CIRCUITS
Adjustable Voltage:
CO
10μF
2
1
3
R2
R1
VOUT
CI
1μF
VIN
DC Input
5
1
3
4
R070LD10
IC
A
A
V
IOUT
RL
Test circuit for regulation portion
A
IQ
VOUT=VREF*(1+R2/R1)
R1=1kΩ, VREF≈1.23V
VC=2.7V
1
2
5
3
R2
R1
VO
VIN
DC Input
5
1
3
4
R070LD10
V
IOUT
RL
Test circuit for Critical rate for ripple rejection
~
ei
V
~
eo
+
f=120Hz sine wave ,ei(rms)=0.5V ,
VIN=5V, VOUT=3.3V(R1=1kΩ)
IOUT=0.3A, RR=20log{ei(rms)/eo(rms)}
CO
10μF
CI
1μF


Similar Part No. - R070LD10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
R070LD10G-XX-TN4-R UTC-R070LD10G-XX-TN4-R Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
R070LD10G-XX-TN4-R UTC-R070LD10G-XX-TN4-R Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
R070LD10L-XX-TN4-R UTC-R070LD10L-XX-TN4-R Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
R070LD10L-XX-TN4-R UTC-R070LD10L-XX-TN4-R Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
More results

Similar Description - R070LD10

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com