Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ484 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SJ484
Description  Silicon P-Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ484 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SJ484 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ484 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ484 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ484 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ484 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ484 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ484 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ484 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ484 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SJ484
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
–30
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
–2
A
Drain peak current
I
D(pulse)*
1
–4
A
Body to drain diode reverse drain current
I
DR
–2
A
Channel dissipation
Pch*
2
1W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 100µs, duty cycle ≤ 10 %
2. When using aluminium ceramic board (12.5 x 20 x 0.7 mm)


Similar Part No. - 2SJ484

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ484 RENESAS-2SJ484 Datasheet
79Kb / 7P
   Silicon P Channel MOS FET
2SJ484WYTL-E RENESAS-2SJ484WYTL-E Datasheet
79Kb / 7P
   Silicon P Channel MOS FET
2SJ484WYTR-E RENESAS-2SJ484WYTR-E Datasheet
79Kb / 7P
   Silicon P Channel MOS FET
2SJ484 RENESAS-2SJ484_15 Datasheet
98Kb / 9P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ484

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com