Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ409L Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SJ409L
Description  Silicon P-Channel MOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ409L Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SJ409L Datasheet HTML 1Page - Hitachi Semiconductor 2SJ409L Datasheet HTML 2Page - Hitachi Semiconductor 2SJ409L Datasheet HTML 3Page - Hitachi Semiconductor 2SJ409L Datasheet HTML 4Page - Hitachi Semiconductor 2SJ409L Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SJ409(L), 2SJ409(S)
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown
voltage
V
(BR)DSS
–100
V
I
D = –10 mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±16 V, VDS = 0
Zero gate voltage drain current I
DSS
–250
µAV
DS = –80 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
–1.0
–2.0
V
I
D = –1 mA, VDS = –10 V
Static drain to source on state
resistance
R
DS(on)
0.12
0.16
I
D = –10 A
V
GS = –10 V*
1
0.16
0.22
I
D = –10 A
V
GS = –4 V*
1
Forward transfer admittance
|y
fs|
7.5
12
S
I
D = –10 A
V
DS = –10 V*
1
Input capacitance
Ciss
1860
pF
V
DS = –10 V
Output capacitance
Coss
680
pF
V
GS = 0
Reverse transfer capacitance
Crss
145
pF
f = 1 MHz
Turn-on delay time
t
d(on)
15
ns
I
D = –10 A
Rise time
t
r
115
ns
V
GS = –10 V
Turn-off delay time
t
d(off)
320
ns
R
L = 3 Ω
Fall time
t
f
170
ns
Body to drain diode forward
voltage
V
DF
–1.05
V
I
F = –20 A, VGS = 0
Body to drain diode reverse
recovery time
t
rr
280
ns
I
F = –20 A, VGS = 0,
diF/dt = 50 A/
µs
See characteristics curves of 2SJ221


Similar Part No. - 2SJ409L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ400 SANYO-2SJ400 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
Toshiba Semiconductor
2SJ401 TOSHIBA-2SJ401 Datasheet
286Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ401 TOSHIBA-2SJ401 Datasheet
784Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ401 TOSHIBA-2SJ401 Datasheet
461Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ401 TOSHIBA-2SJ401 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SJ409L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com