Electronic Components Datasheet Search |
|
GQ2171-27 Datasheet(PDF) 1 Page - E-Tech Electronics LTD |
|
GQ2171-27 Datasheet(HTML) 1 Page - E-Tech Electronics LTD |
1 / 5 page 1/5 ISSUED DATE :2005/12/12 REVISED DATE : G G Q Q 22117711 C C M M O O S S P P o o ss ii tt ii vv ee V V o o ll tt aa g g ee R R ee g g u u ll aa tt o o rr Description The GQ2171 series of positive, linear regulators feature low quiescent current (50 A typ.) with low dropout voltage and excellent PSRR, thus making them ideal for Telecommunications and other battery applications. These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under the “Worst” of operating conditions. As an additional feature, the GQ2171 is stable with an output capacitance of just extended 0.22 F or greater. Features Functional Block Diagram &Very Low Dropout Voltage &Guaranteed 150mA output &Over-Temperature Shutdown &Current Limiting &Short Circuit Current Fold-back &Excellent PSRR Type 70dB &Noise Reduction Bypass Capacitor &Power-saving Shutdown Mode &Factor Pre-set Output Voltage Applications &Battery Powered Widgets &Instrumentation &Wireless Devices &PC Peripherals &Portable Electronics &Cordless Phones &Electronic Scales &Cellular Phones &Cameras &Telecommunications Package Dimensions Millimeter Dimensions REF. Min. Max. REF. Millimeter A 2.70 3.10 G 1.90 REF. B 2.60 3.00 H 1.20 REF. C 1.40 1.80 I 0.12 REF. D 0.30 0.55 J 0.37 REF. E 0 0.10 K 0.60 REF. F 0° 10° L 0.95 REF. Typical Application Circuit |
Similar Part No. - GQ2171-27 |
|
Similar Description - GQ2171-27 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |