Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP24BC02 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GP24BC02
Description  2 - w i r e S e r i a l E E P RO M 1 K / 2 K / 4 K / 8 K / 1 6 K
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GP24BC02 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GP24BC02 Datasheet HTML 1Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 2Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 3Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 4Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 5Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 6Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 7Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 8Page - E-Tech Electronics LTD GP24BC02 Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GP24BC01/02/02/04/08/16
Page: 1/9
ISSUED DATE :2006/08/17
REVISED DATE :
G
G P
P 2244B
B C
C 0011//0022//0044//0088//1166
2 - w i r e S e r i a l E E P R O M 1 K / 2 K / 4 K / 8 K / 1 6 K
Description
The GP24BC family provides 1K, 2K, 4K, 8K and 16K of serial electrically erasable and programmable
read-only memory (EEPROM). The wide Vdd range allows for low-voltage operation down to 1.8V. The device,
fabricated using traditional CMOS EEPROM technology, is optimized for many industrial and commercial
applications where low-voltage and low-power operation is essential. The device is accessed via a 2-wire serial
interface.
Features
&Internally organized as 128x8 (1K), 256x8 (2K)
512x8 (4K), 1024x8 (8K), 2048x8 (16K),
&Low-voltage and standard-voltage operation:
1.8V~5.5V
& ¯-wire serial interface bus
&Date retention: 100years
&High endurance: 1,000,000 Write Cycles
100KHz (1.8V) & 400KHz (5V) compatibility
&Bi-directional data transfer protocol
&Self-timed write cycle (5ms max)
&Write protect pin for hardware data protection
&8-byte page (1K, 2K) and 16-byte page (4K,8K,16K)
write modes
&Allows for partial page write
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
0.5334
c1
0.203
0.279
A1
0.381
-
D
9.017
10.16
A2
2.921
4.953
E
6.096
7.112
b
0.356
0.559
E1
7.620
8.255
b1
0.356
0.508
e
2.540 BSC
b2
1.143
1.778
HE
-
10.92
b3
0.762
1.143
L
2.921
3.810
c
0.203
0.356
Figure 1. Pin Configurations
Pin Name
Function
A0 – A2
Address inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
Gnd
Ground
Vcc
Power Supply
Absolute Maximum Ratings
Parameter
Ratings
Unit
Voltage on Any Pin with Respect to Ground
-0.8 to Vcc +1.5
V
Maximum Operating Voltage
6.25
V
DC Output Current
5.0
mA
Operating Temperature Range
-55 ~ +125
:
Storage Temperature Range
-65 ~ +150
:
Note: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
these specifications are not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
SEATING PLANE
e
b
Z
Z
D
SECTION Z - Z
b
GAUGE PLANE
DIP-8


Similar Part No. - GP24BC02

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GP24BC02 GTM-GP24BC02 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
More results

Similar Description - GP24BC02

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSC24BC01-16 ETL-GSC24BC01-16 Datasheet
296Kb / 9P
   2 - w i r e S e r i a l E E P RO Ms 1 K / 2 K / 4 K / 8 K / 1 6 K
GSC93BC46-66 ETL-GSC93BC46-66 Datasheet
286Kb / 8P
   3 - w i r e S e r i a l E E P RO Ms 1 K / 2 K / 4 K
logo
Molex Electronics Ltd.
987650-4473 MOLEX-987650-4473 Datasheet
3Mb / 6P
   W o r k i n g T o g e t h e r F o r A S af e r W o r k p l a c e
2010
logo
List of Unclassifed Man...
SSC-736A ETC2-SSC-736A Datasheet
814Kb / 32P
   S O L D E R I N G , D E S O L D E R I N G A N D R E W O R K S Y S T E M S
NC3FRX ETC2-NC3FRX Datasheet
801Kb / 21P
   N e u t r i k 짰 P a r t N u m b e r G u i d e
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com