Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM2123-13 Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # GM2123-13
Description  C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GM2123-13 Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  GM2123-13 Datasheet HTML 1Page - E-Tech Electronics LTD GM2123-13 Datasheet HTML 2Page - E-Tech Electronics LTD GM2123-13 Datasheet HTML 3Page - E-Tech Electronics LTD GM2123-13 Datasheet HTML 4Page - E-Tech Electronics LTD GM2123-13 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
ISSUED DATE :2004/12/22
REVISED DATE :
Ordering Information ( contd.)
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
GM2123-13
3E132
XXXX
1.3V
GM2123-15
3E152
XXXX
1.5V
GM2123-18
3E182
XXXX
1.8V
GM2123-19
3E192
XXXX
1.9V
GM2123-20
3E202
XXXX
2.0V
GM2123-25
3E252
XXXX
2.5V
GM2123-27
3E272
XXXX
2.7V
GM2123-28
3E282
XXXX
2.8V
GM2123-29
3E292
XXXX
2.9V
GM2123-30
3E302
XXXX
3.0V
GM2123-31
3E312
XXXX
3.1V
GM2123-33
3E332
XXXX
3.3V
GM2123-34
3E342
XXXX
3.4V
GM2123-35
3E352
XXXX
3.5V
GM2123-36
3E362
XXXX
3.6V
GM2123-37
3E372
XXXX
3.7V
GM2123-38
3E382
XXXX
3.8V
GM2123-50
3E502
XXXX
5.0V
Characteristics Curve


Similar Part No. - GM2123-13

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GM2123 GTM-GM2123 Datasheet
389Kb / 5P
   CMOS POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM2123-13

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GQ2141 ETL-GQ2141 Datasheet
773Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM62FP ETL-GM62FP Datasheet
1Mb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2123 ETL-GQ2123 Datasheet
559Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2171 ETL-GQ2171 Datasheet
755Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62FP ETL-G62FP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2163 ETL-GQ2163 Datasheet
560Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62VP ETL-G62VP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G2123 ETL-G2123 Datasheet
346Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com