Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ319S Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SJ319S
Description  Silicon P-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ319S Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SJ319S Datasheet HTML 1Page - Hitachi Semiconductor 2SJ319S Datasheet HTML 2Page - Hitachi Semiconductor 2SJ319S Datasheet HTML 3Page - Hitachi Semiconductor 2SJ319S Datasheet HTML 4Page - Hitachi Semiconductor 2SJ319S Datasheet HTML 5Page - Hitachi Semiconductor 2SJ319S Datasheet HTML 6Page - Hitachi Semiconductor 2SJ319S Datasheet HTML 7Page - Hitachi Semiconductor 2SJ319S Datasheet HTML 8Page - Hitachi Semiconductor 2SJ319S Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SJ319(L), 2SJ319(S)
4
–20
–16
–12
–8
–4
0
–4
–8
12
–16
–20
Gate to Source Voltage
V
(V)
GS
–1 A
–2 A
Pulse Test
D
I
= –5 A
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
I
(A)
D
Static Drain to Source on State Resistance
vs. Drain Current
10
5
2
1
0.5
0.2
0.1
–0.2
–0.5
–1
–2
–5
–10
V
= –10 V
Pulse Test
GS
5
4
3
2
1
–40
0
40
80
120
160
Case Temperature
Tc
(°C)
0
–2 A
–1 A
I
= –5 A
D
Static Drain to Source on State Resistance
vs. Temperature
V
= –10 V
Pulse Test
GS
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
3
2
1
0.5
0.2
0.1
–0.05 –0.1 –0.2
–0.5
–1
–2
–5
–10
Tc = –25 °C
25 °C
75 °C
V
= –10 V
Pulse Test
DS


Similar Part No. - 2SJ319S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ319S RENESAS-2SJ319S Datasheet
87Kb / 8P
   Silicon P Channel MOS FET
logo
Guangdong Kexin Industr...
2SJ319S KEXIN-2SJ319S Datasheet
47Kb / 1P
   Silicon P-Channel MOSFET
logo
Renesas Technology Corp
2SJ319STL-E RENESAS-2SJ319STL-E Datasheet
87Kb / 8P
   Silicon P Channel MOS FET
logo
Guangdong Kexin Industr...
2SJ319S KEXIN-2SJ319S_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

Similar Description - 2SJ319S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com