Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML22802-XXX Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ML22802-XXX
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22802-XXX Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML22802-XXX Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22802-XXX Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22802-XXX Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22802-XXX Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22802-XXX Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22802-XXX Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22802-XXX Datasheet HTML 11Page - List of Unclassifed Manufacturers ML22802-XXX Datasheet HTML 12Page - List of Unclassifed Manufacturers ML22802-XXX Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
ABSOLUTE MAXIMUM RATINGS
(DGND = PGND = AGND = 0 V)
Parameter
Symbol
Condition
Rating
Unit
Digital power supply
voltage
DVDD, PVDD
–0.3 to +5.0
V
Analog power supply
voltage
AVDD
Ta = 25°C
–0.3 to +5.0
V
Input voltage
VIN
–0.3 to DVDD+0.3
V
Power dissipation
PD
Ta = 25°C
When a JEDEC2-layer
board is mounted
1.3
W
Output short-circuit
current
ISC
10
mA
Storage temperature
TSTG
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
(DGND = PGND = AGND = 0 V)
Parameter
Symbol
Condition
Range
Unit
Digital power supply
voltage
DVDD, PVDD
2.7 to 3.6
V
Analog power supply
voltage
AVDD
2.7 to 3.6
V
Operating temperature
TOP
-20 to +85
°C
Min.
Typ.
Max.
Master clock frequency
fOSC
3.5
4.096
4.5
MHz
External crystal
oscillator capacitance
Cd, Cg
15
30
45
pF
9/41


Similar Part No. - ML22802-XXX

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
ML2280BCP MICRO-LINEAR-ML2280BCP Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
ML2280BCS MICRO-LINEAR-ML2280BCS Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
ML2280BIP MICRO-LINEAR-ML2280BIP Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
ML2280BIS MICRO-LINEAR-ML2280BIS Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
More results

Similar Description - ML22802-XXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
   ADPCM Speech Synthesis LSI
FEDL22321-01 ETC2-FEDL22321-01 Datasheet
1Mb / 35P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com