Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9058E Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ML9058E Datasheet HTML 1Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
5/76
ELECTRICAL CHARACTERISTICS
DC Characteristics
[VSS = 0 V, VDD = 3.7 to 5.5 V, Tj =–40 to +85°C]
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Applicable
pins
“H” Input voltage
VIH
0.8
 VDD
VDD
“L” Input voltage
VIL
0
0.2
 VDD
V
*1
“H” Input voltage
VIH
0.8
 VDD
VDD
“L” Input voltage
VIL
0
0.2
 VDD
Hysteresis width
V
VDD = 4.5 to 5.5 V
0.85
1.0
1.55
V
*2
“H” output voltage
VOH
IOH = –0.5 mA
0.8
 VDD
“L” output voltage
VOL
IOL = 0.5 mA
0.2
 VDD
V
*3
“H” Input current
IIH
VI = VDD
–1.0
+1.0
“L” Input current
IIL
VI = 0 V
–3.0
+3.0
A
*4 *5
Input capacitance
CI
Tj=25°C
F=10kHz
8
12
pF
*1, *2
V1 output voltage
temperature gradient
V1TC
Tj = 25°C
V1 = 12 V
–0.03
–0.05
–0.08
%/°C
V1
Reference voltage
VREG
Tj = 25°C
2.925
3.00
3.075
V
VRS
V1 output voltage
V1
*6
10.58
10.85
11.12
V
V1
3-time
multiplication *7
13.0
V
VOUT
Voltage multiplier
output voltage
VOUT
4-time
multiplication *8
15.9
V
VOUT
VOUT - V1 voltage
Vot1
*9
0.6
V
VOUT, V1
LCD driver ON
resistance
RON
IO = 50 µA
10
k
SEG1 to 131,
COMS0,
COMS1,
COM0 to 63
18
22
26
kHz
*10
Internal
oscillation
fOSC
Tj = 25°C
14
31
kHz
Oscillator
frequency External
input
fEXT
18
22
26
kHz
CL*10
*1:
DB0 to DB5, DB7 (SI), FR, DOF Pins
*2:
A0, CS1, CS2, CLS, M/S, C86, P/S, IRS,RD (E), WR (R/W), RES, CL, DB6 (SCL) Pins
*3:
DB0 to DB7, FR, FRS, DOF, CL Pins
*4:
A0, RD (E), WR (R/W), CS1, CS2, CLS, M/S, C86, P/S, RES, IRS Pins
*5:
Applicable to the pins DB0 to DB5, DB6 (SCL), DB7 (SI), CL, FR, DOF in the high impedance
state.
*6:
Tj = 25°C,
 = 31, (1+Rb/Ra) = 4, VOUT = 13.5 V (External input), LCD drive output = no-load
*7:
VIN = 4.8 V, voltage multiplier capacitor C1 = 2.6 to 4.0 F, voltage multiplier output load current
I = 500
A. Only a voltage multiplier circuit operates, not activating the voltage adjustment circuit
and V/F circuit, by command “2C”.


Similar Part No. - ML9058E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9058E LAPIS-ML9058E Datasheet
439Kb / 76P
   132-Channel LCD Driver
More results

Similar Description - ML9058E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9050 OKI-ML9050 Datasheet
472Kb / 71P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059 OKI-ML9059 Datasheet
534Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
FEDL9059E-01 ETC2-FEDL9059E-01 Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com