Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7344E Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ML7344E
Description  Sub-GHz band short range wireless transceiver IC
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344E Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ML7344E Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 11Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 12Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 13Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 14Page - List of Unclassifed Manufacturers ML7344E Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
11/151
■Electrical Characteristics
●Absolute Maximum Ratings
Ta=-40˚C to +85˚C and GND=0V is the typical conditoin if not defined specific condition.
item
symbol
condition
Rating
unit
I/O Power supply
VDDIO
-0.3 to +4.6
V
RF Power supply
VDDRF
-0.3 to +2.0
V
RF input power
PRFI
Antenna input in RX
0
dBm
RF output Voltage
VRFO
PA_OUT(#20)
-0.3 to +4.6
V
RF output Voltage[ML7344C]
VRFO
PA_OUT(#20)
Duty Cycle of
transmission at
+20dBm output <1 %
-0.3 to +7.7
V
Voltage on Analog Pins 1
VA
-0.3 to +2.0
V
Voltage on Analog Pins 2
VAH
-1.0 to +4.6
V
Voltage on Digital Pins
VD
-0.3 to +4.6
V
Digital Input Current
IDI
-10 to +10
mA
Digital Output Current
IDO
-8 to +8
mA
Power Dissipation
Pd
Ta= +25˚C
1.2
W
Storage Temperature
Tstg
-55 to +150
˚C


Similar Part No. - ML7344E

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML7344C LAPIS-ML7344C Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
ML7344CE LAPIS-ML7344CE Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
ML7344CJ LAPIS-ML7344CJ Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
More results

Similar Description - ML7344E

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML7396A LAPIS-ML7396A Datasheet
1Mb / 140P
   Sub GHz band short range wireless transceiver IC
ML7344C LAPIS-ML7344C Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
logo
List of Unclassifed Man...
ML7386 ETC2-ML7386 Datasheet
448Kb / 41P
   Sub GHz band wireless transmitter IC
logo
Renesas Technology Corp
REJ03F0087-0100Z RENESAS-REJ03F0087-0100Z Datasheet
445Kb / 28P
   RF Transceiver for Short-range Wireless
logo
NIHON DEMPA KOGYO
WFC30B0924FF NDK-WFC30B0924FF_18 Datasheet
833Kb / 1P
   For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG_18 Datasheet
764Kb / 1P
   For Short-range Wireless
logo
Motorola, Inc
MC13190 MOTOROLA-MC13190 Datasheet
505Kb / 15P
   2.4 GHz Short-Range, Low-Power Transceiver
logo
NIHON DEMPA KOGYO
WFC93B0429CL NDK-WFC93B0429CL_18 Datasheet
835Kb / 1P
   For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG Datasheet
365Kb / 1P
   For Short-range Wireless
WFD79C0925FG NDK-WFD79C0925FG_18 Datasheet
877Kb / 1P
   For Short-range Wireless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com