Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML610Q476 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ML610Q476
Description  8-bit Microcontroller with a Built-in LCD driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q476 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML610Q476 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610Q476 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610Q476 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q476 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q476 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML610Q476 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML610Q476 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML610Q476 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML610Q476 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
FEDL610Q476-02
ML610Q474/ML610Q475/ML610Q476
9/28
PIN LIST
Primary function
Secondary function
PIN
No.
PAD
No.
Pin name
I/O
Function
Pin name
I/O
Function
11, 76
10,71
Vss
Negative power supply pin
10
9
VDD
Positive power supply pin
15
14
VHF
Power supply pin for halver circuit
(internally generated)
12
11
VDDL
Power supply pin for internal logic
(internally generated)
18
17
VDDX
Power supply pin for low-speed
oscillation
(internally generated)
79
74
VPP
Power supply pin for Flash ROM
24
22
VL1
Power supply pin for LCD bias
(internally generated or connected
to positive power supply pin)
(*1)
25
23
VL2
Power supply pin for LCD bias
(internally generated or connected
to positive power supply pin)
(*1)
26
24
VL3
Power supply pin for LCD bias
(internally generated)
22
20
C1
Capacitor connection pin for LCD
bias generation
23
21
C2
Capacitor connection pin for LCD
bias generation
13
12
CH1
Capacitor connection pin for halver
circuit
14
13
CH2
Capacitor connection pin for halver
circuit
20
19
TEST0
I/O
Test pin
19
18
RESET_N
I
Reset input pin
16
15
XT0
I
Low-speed clock oscillation pin
17
16
XT1
O
Low-speed clock oscillation pin
2
1
P00/EXI0/
CAP0/TPRUN0
I
Input port, External interrupt,
Capture 0 input
Timer C/Timer D external trigger
input
3
2
P01/EXI1/
CAP1/TPRUN1
I
Input port, External interrupt,
Capture 1 input
Timer C/Timer D external trigger
input
4
3
P02/EXI2/
RXD0/TPRUN2
I
Input port, External interrupt,
UART0 received data
Timer C/TimerD external trigger
input
5
4
P03/EXI3/
TPRUN3
I
Input port, External interrupt
Timer C/Timer D external trigger
input
77
72
P20/LED0
O
Output port
LSCLK
O
Low-speed clock output
78
73
P21/LED1
O
Output port
OUTCLK
O
High-speed clock output
74
69
P42
I/O
Input/output port
RXD0
I
UART data input
75
70
P43
I/O
Input/output port
TXD0
O
UART data output
8
P44/T02DCK/
TCDRUN
I/O
Input/output port,
Timer 0/Timer 2/Timer C external
clock
input
Timer C/Timer D external trigger
Input
9
8
P45/T13DCK/
TCDRUN
I/O
Input/output port,
Timer 1/Timer 3/Timer D external
clock
input
Timer C/Timer D external trigger
input
73
68
P50/EXI8
I/O
Input/output port, External interrupt
MD0
O
Melody 0 output
72
67
P51/EXI8
I/O
Input/output port, External interrupt
71
66
P52/EXI8
I/O
Input/output port, External interrupt
70
65
P53/EXI8
I/O
Input/output port, External interrupt


Similar Part No. - ML610Q476

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q471 ETC2-ML610Q471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q472 ETC2-ML610Q472 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q473 ETC2-ML610Q473 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q477 LAPIS-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML610Q476

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com