Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM62FP Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GM62FP
Description  C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GM62FP Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GM62FP Datasheet HTML 1Page - E-Tech Electronics LTD GM62FP Datasheet HTML 2Page - E-Tech Electronics LTD GM62FP Datasheet HTML 3Page - E-Tech Electronics LTD GM62FP Datasheet HTML 4Page - E-Tech Electronics LTD GM62FP Datasheet HTML 5Page - E-Tech Electronics LTD GM62FP Datasheet HTML 6Page - E-Tech Electronics LTD GM62FP Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GM62FP
Page: 1/7
ISSUED DATE :2005/10/11
REVISED DATE :
G
G M
M 6622F
F P
P
C
C M
M O
O S
S P
P o
o ss ii tt ii vv ee V
V o
o ll tt aa g
g ee R
R ee g
g u
u ll aa tt o
o rr
Description
The GM62FP series is a group of positive voltage output, three-pin regulators, that provide a high current even
when the input/output voltage differential is small. Low power consumption and high accuracy is achieved
through CMOS and laser trimming technologies.
The GM62FP consists of a high-precision voltage reference, an error amplification circuit, and a current limited
output driver. Transient response to load variations have improved in comparison to the existing series.
Features
&Maximum Output Current: 250mA (within max. power dissipation, Vout=5.0V)
&Output Voltage Range: 1.5V ~ 6V in 0.1V increments
&Low Power Consumption: Typ. 2.0uA @ VOUT=5.0V
&Output Voltage Temperature Characteristics: Typ. ±100ppm/ :
&Input Stability: Typ. 0.2%/V
&Small Input-Output Differential: IOUT=100mA @ VOUT=5.0V with a 0.12V differential
&Highly Accurate: Output voltage ± 2%
Applications
&Battery Powered Equipment
&Palmtops
&Portable Cameras and Video Recorders
&Reference Voltage Source
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5 q TYP.
M
0.70 REF.
Typical Application Circuit
Block Diagram
SOT-89


Similar Part No. - GM62FP

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GM62FP GTM-GM62FP Datasheet
1Mb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM62FP

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GQ2141 ETL-GQ2141 Datasheet
773Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2123 ETL-GQ2123 Datasheet
559Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2171 ETL-GQ2171 Datasheet
755Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62FP ETL-G62FP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2163 ETL-GQ2163 Datasheet
560Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62VP ETL-G62VP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G2123 ETL-G2123 Datasheet
346Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com