Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML610Q421 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ML610Q421
Description  8-bit Microcontroller with a Built-in LCD driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q421 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ML610Q421 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q421 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q421 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML610Q421 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML610Q421 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML610Q421 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML610Q421 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML610Q421 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML610Q421 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
FEDL610Q421-02
LAPIS Semiconductor
ML610Q421/ML610Q422
11/36
ML610Q421 Pad Coordinates
Table 1 ML610Q421 Pad Coordinates
Chip Center: X=0,Y=0
PAD
No.
Pad
Name
X
(μm)
Y
(μm)
PAD
No.
Pad
Name
X
(μm)
Y
(μm)
PAD
No.
Pad
Name
X
(μm)
Y
(μm)
1
VPP
-1240
-1404
51
SEG11
1384
640
101
PA3
-1384
240
2
RESET_N
-1160
-1404
52
SEG12
1384
720
102
PA4
-1384
160
3
P42
-1080
-1404
53
SEG13
1384
800
103
PA5
-1384
80
4
P43
-1000
-1404
54
SEG14
1384
880
104
PA6
-1384
0
5
P44
-920
-1404
55
SEG15
1384
960
105
PA7
-1384
-80
6
P45
-840
-1404
56
SEG16
1384
1040
106
P20
-1384
-200
7
P46
-760
-1404
57
SEG17
1384
1120
107
P21
-1384
-280
8
P47
-680
-1404
58
SEG18
1384
1200
108
P22
-1384
-360
9
P30
-600
-1404
59
SEG19
1160
1404
109
P40
-1384
-440
10
P31
-520
-1404
60
SEG20
1080
1404
110
P41
-1384
-520
11
P34
-440
-1404
61
SEG21
1000
1404
111
Vss
-1384
-600
12
P32
-360
-1404
62
SEG22
920
1404
112
AVss
-1384
-680
13
P33
-280
-1404
63
SEG23
840
1404
113
VREF
-1384
-840
14
P35
-200
-1404
64
SEG24
760
1404
114
AIN0
-1384
-920
15
TEST
-120
-1404
65
SEG25
680
1404
115
AIN1
-1384
-1092
16
VDD
-40
-1404
66
SEG26
600
1404
116
AVDD
-1384
-1172
17
VDDL
40
-1404
67
SEG27
520
1404
18
Vss
120
-1404
68
SEG28
440
1404
19
VDDX
200
-1404
69
SEG29
360
1404
20
XT0
360
-1404
70
SEG30
280
1404
21
XT1
520
-1404
71
SEG31
200
1404
22
Vss
600
-1404
72
SEG32
120
1404
23
NMI
680
-1404
73
SEG33
40
1404
24
VL1
840
-1404
74
SEG34
-40
1404
25
VL2
920
-1404
75
SEG35
-120
1404
26
VL3
1000
-1404
76
SEG36
-200
1404
27
VL4
1080
-1404
77
SEG37
-280
1404
28
C1
1160
-1404
78
SEG38
-360
1404
29
C2
1240
-1404
79
SEG39
-440
1404
30
C3
1384
-1240
80
SEG40
-520
1404
31
C4
1384
-1160
81
SEG41
-600
1404
32
P00
1384
-1040
82
SEG42
-680
1404
33
P01
1384
-960
83
SEG43
-760
1404
34
P02
1384
-880
84
SEG44
-840
1404
35
P03
1384
-800
85
SEG45
-920
1404
36
Vss
1384
-660
86
SEG46
-1000
1404
37
P10
1384
-580
87
SEG47
-1080
1404
38
P11
1384
-420
88
SEG48
-1160
1404
39
VDD
1384
-340
89
SEG49
-1384
1200
40
SEG0
1384
-240
90
COM0
-1384
1120
41
SEG1
1384
-160
91
COM1
-1384
1040
42
SEG2
1384
-80
92
COM2
-1384
960
43
SEG3
1384
0
93
COM3
-1384
880
44
SEG4
1384
80
94
COM4
-1384
800
45
SEG5
1384
160
95
COM5
-1384
720
46
SEG6
1384
240
96
COM6
-1384
640
47
SEG7
1384
320
97
COM7
-1384
560
48
SEG8
1384
400
98
PA0
-1384
480
49
SEG9
1384
480
99
PA1
-1384
400
50
SEG10
1384
560
100
PA2
-1384
320


Similar Part No. - ML610Q421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q421 LAPIS-ML610Q421 Datasheet
792Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML610Q421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com