Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML610Q111 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ML610Q111
Description  8-bit Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q111 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ML610Q111 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML610Q111 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML610Q111 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML610Q111 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML610Q111 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610Q111 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610Q111 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q111 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q111 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
FEDL610Q111-01
ML610Q111/ML610Q112
3/26
Analog comparator
− 2ch
ch0: Allows comparison of the voltage level of the two external pins or comparison of one external pin and internal
reference voltage level.
ch1: Allows comparison of one external pin and internal reference voltage level
− Input common mode voltage range : V
DD = 0.1V to VDD - 1.5V
− Internal reference voltage : 0.1-0.8V (Selectable in 50mV increments)
− Hysteresis (Comparator0 only): 20mV(Typ.)
− Allows selection of with/without interrupt sampling and interrupt edge.
General-purpose ports (GPIO)
− Input/output port
15ch (ML610Q111)
25ch (ML610Q112)
Reset
− Reset by the RESET_N pin
− Reset by power-on detection
− Reset by the watchdog timer (WDT) 2nd overflow
− Reset by the voltage level supervisor (VLS) function: Selectable by software
Voltage level supervisor (VLS)
− 2ch
ch0: It can be used for voltage level detection reset
ch1: It can be used for voltage level detection interrupt
− Judgment accuracy: ±3.0% (Typ.)
Clock
− Low-speed clock:
Built-in RC oscillation (32.768kHz)
− High-speed clock:
Built-in PLL oscillation (16.384MHz)
High-speed external clock (max. 8.192MHz)
Maximum CPU clock is 8.192MHz.
− Selection of high-speed clock mode by software:
Built-in PLL oscillation
External clock
Power management
− HALT mode: Instruction execution by CPU is suspended (peripheral circuits are in operating states)
− STOP mode: Stop of oscillation (Operations of CPU and peripheral circuits are stopped.)
− Clock gear: The frequency of system clock can be changed by software (1/1, 1/2, 1/4, or 1/8 of the oscillation clock).
− Block Control Function: Power down (reset registers and stop clock supply) the circuits of unused peripherals.


Similar Part No. - ML610Q111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q111 ETC2-ML610Q111 Datasheet
398Kb / 26P
   8-bit Microcontroller
More results

Similar Description - ML610Q111

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com