Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC4533WS8RGB Datasheet(PDF) 2 Page - SYNC POWER Crop.

Part # SPC4533WS8RGB
Description  N & P Pair Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPC4533WS8RGB Datasheet(HTML) 2 Page - SYNC POWER Crop.

  SPC4533WS8RGB Datasheet HTML 1Page - SYNC POWER Crop. SPC4533WS8RGB Datasheet HTML 2Page - SYNC POWER Crop. SPC4533WS8RGB Datasheet HTML 3Page - SYNC POWER Crop. SPC4533WS8RGB Datasheet HTML 4Page - SYNC POWER Crop. SPC4533WS8RGB Datasheet HTML 5Page - SYNC POWER Crop. SPC4533WS8RGB Datasheet HTML 6Page - SYNC POWER Crop. SPC4533WS8RGB Datasheet HTML 7Page - SYNC POWER Crop. SPC4533WS8RGB Datasheet HTML 8Page - SYNC POWER Crop. SPC4533WS8RGB Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2011/06/03
Ver.1
Page 2
SPC4533W
N & P Pair Enhancement Mode MOSFET
Pin
Symbol
Description
1
S1
Source 1
2
G1
Gate 1
3
S2
Source 2
4
G2
Gate 2
5
D2
Drain 2
6
D2
Drain 2
7
D1
Drain 1
8
D1
Drain 1
ORDERING INFORMATION
Part Number
Package
Part
Marking
SPC4533WS8RGB
SOP- 8P
SPC4533W
SPC4533WS8RGB : 13” Tape Reel ; Pb – Free ; Halogen - Free
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise noted)
Typical
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDSS
30
-30
V
Gate –Source Voltage
VGSS
±20
±20
V
TA=25℃
10
-6.0
Continuous Drain Current(TJ=150℃)
TA=70℃
ID
6
-4.0
A
Pulsed Drain Current
IDM
20
-12
A
Power Dissipation
TA=25℃
PD
2.0
W
Operating Junction Temperature
TJ
-55/150
Storage Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
80
80
/W


Similar Part No. - SPC4533WS8RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPC4533 SYNC-POWER-SPC4533 Datasheet
253Kb / 10P
   N & P Pair Enhancement Mode MOSFET
More results

Similar Description - SPC4533WS8RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533 SYNC-POWER-SPC4533 Datasheet
253Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC1810 SYNC-POWER-SPC1810 Datasheet
298Kb / 12P
   N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC4606 STANSON-STC4606 Datasheet
1Mb / 8P
   N&P Pair Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPC4539A SYNC-POWER-SPC4539A Datasheet
308Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6604 SYNC-POWER-SPC6604_14 Datasheet
287Kb / 12P
   N & P Pair Enhancement Mode MOSFET
SPC4539 SYNC-POWER-SPC4539 Datasheet
272Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6601 SYNC-POWER-SPC6601 Datasheet
264Kb / 11P
   N & P Pair Enhancement Mode MOSFET
SPC6602 SYNC-POWER-SPC6602 Datasheet
265Kb / 11P
   N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC6301D STANSON-STC6301D Datasheet
922Kb / 8P
   N&P Pair Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com