Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GJ2138-19 Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # GJ2138-19
Description  1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GJ2138-19 Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  GJ2138-19 Datasheet HTML 1Page - E-Tech Electronics LTD GJ2138-19 Datasheet HTML 2Page - E-Tech Electronics LTD GJ2138-19 Datasheet HTML 3Page - E-Tech Electronics LTD GJ2138-19 Datasheet HTML 4Page - E-Tech Electronics LTD GJ2138-19 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GJ2138
Page: 3/5
ISSUED DATE :2004/12/28
REVISED DATE :2006/04/18B
Detailed Description
The GJ2138 series of COMS regulators contain a PMOS pass transistor, voltage reference, error amplifier,
over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal
protection circuits. During normal operation, the error amplifier compares the output voltage to a precision
reference. Over-current and Thermal shutdown circuits become active when the junction temperature exceeds
150 : , or the current exceeds 2.2A. During thermal shutdown, the output voltage remains low. Normal
operation is restored when the junction temperature drops below 120 : .
The GJ2138 behaves like a current source when the load reaches 2.2A. However, if the load impedance drops
below 0.3 , the current drops back to 600mA to prevent excessive power dissipation. Normal operation is
restored when the load resistance exceeds 0.75 .
External Capacitors
The GJ2138 is stable with an output capacitance to ground of 4.7 F or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the
highest ESR, resulting in the poorest AC response. Unfortunately, large value ceramic capacitors are
comparatively expensive. One option is to parallel a 0.1 F ceramic capacitor with a 10 F Aluminum Electrolytic.
The benefit is low ESR, high capacitance, and low overall cost.
A second capacitor is recommended between the input and ground to stabilize Vin. The input capacitor should
be at least 0.1 F to have a beneficial effect.
All capacitors should be placed in close proximity to the pins. A “Quiet” ground termination is desirable. This
can be achieved with a “Star” connection.
Characteristics Curve


Similar Part No. - GJ2138-19

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - GJ2138-19

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GE2138 ETL-GE2138 Datasheet
424Kb / 5P
   1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GE2148 ETL-GE2148 Datasheet
424Kb / 5P
   1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GL2148 ETL-GL2148 Datasheet
442Kb / 5P
   1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GJ2148 ETL-GJ2148 Datasheet
430Kb / 5P
   1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GL2138 ETL-GL2138 Datasheet
439Kb / 5P
   1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
G5U2178 ETL-G5U2178 Datasheet
586Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2179 ETL-G5U2179 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2128 ETL-GSC2128 Datasheet
584Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2129 ETL-GSC2129 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2118 ETL-GSC2118 Datasheet
550Kb / 7P
   1 . 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com