Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GJ2137-30 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GJ2137-30
Description  7 5 0 m A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GJ2137-30 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GJ2137-30 Datasheet HTML 1Page - E-Tech Electronics LTD GJ2137-30 Datasheet HTML 2Page - E-Tech Electronics LTD GJ2137-30 Datasheet HTML 3Page - E-Tech Electronics LTD GJ2137-30 Datasheet HTML 4Page - E-Tech Electronics LTD GJ2137-30 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GJ2137
Page: 2/5
ISSUED DATE :2006/05/16
REVISED DATE :
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Input Max Voltage
VIN
8
V
Output Current
IOUT
1
A
Output Voltage
VOUT
1.5~3.8
V
Operating Ambient Temperature
Topr
-40 ~ +85
:
Junction Temperature
Tj
-40 ~ +125
:
Maximum Junction Temperature
Tj Max
150
:
Thermal Resistance
jc
60
/W
:
Internal Power Dissipation ( T=100 : )
PD
3
W
EDS Classification
B
Electrical Characteristics VIN=VOUT(T)+2V, Ta=25 : unless otherwise noted
Parameter
Symbol
Condition
Min
TYP
Max
Unit
Output Voltage
VOUT(E)
(Note1)
IO
=1mA
-1.5% VOUT(T)
(Note2)
1.5%
V
Output Current
IO
VO>1.2V
750
-
-
mA
Current Limit
ILIM
VO>1.2V
750
850
-
mA
Load Regulation
REGLOAD
VIN=VOUT(T)+2V, IO=1mA to 750mA
-1
0.2
1
%
1.4V<VOUT(T) 2.0V
-
-
1400
2.0V<VOUT(T) 2.8V
-
-
800
Dropout Voltage
VDROPOUT
IO
=750mA
VO=VOUT(E)-2%
2.8V<VOUT(T)
-
-
600
mV
Quiescent Current
IQ
VIN= VOUT(T)+2V, IO=0mA
-
30
50
A
Ground Pin Current
IGND
VIN= VOUT(T)+2V, IO=1mA~750mA
-
35
-
A
1.4V<VOUT(T) 2.0V
-0.15
-
0.15
Line Regulation
REGLINE
IO
=1mA
VIN=VOUT(T)+1 to
VOUT(T)+2
2.0V<VOUT(T)<4.0V
-0.1
0.02
0.1
%
Input Voltage
VIN
Note3
-
7
V
Over Temperature Shutdown
OTS
-
150
-
:
Over Temperature Hysterisis
OTH
-
30
-
:
Vo Temperature Coefficient
TC
-
30
-
ppm/ :
Short Circuit Current
ISC
VIN=VOUT(T)+1V, VOUT<0.8V
-
300
600
mA
f=1kHz
-
50
-
f=10kHz
-
20
-
Power Supply Rejection
PSRR
I
o=100mA
Co=2.2 F
f=100kHz
-
10
-
dB
Output Voltage Noise
eN
f=10Hz~100kHz, Io=10mA, Co=2.2 F
-
30
-
Vrms
Note 1: VOUT (E) =Effective Output Voltage (i.e. the output voltage when “VOUT (T) + 2.0V” is provided at the VIN pin while maintaining a
certain IOUT value).
2: VOUT (T) =Specified Output Voltage
3: VIN (MIN) =VOUT+VDROPOUT


Similar Part No. - GJ2137-30

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
   750mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - GJ2137-30

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL2137 ETL-GL2137 Datasheet
406Kb / 5P
   7 5 0 m A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2178 ETL-G5U2178 Datasheet
586Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2179 ETL-G5U2179 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2128 ETL-GSC2128 Datasheet
584Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2129 ETL-GSC2129 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2118 ETL-GSC2118 Datasheet
550Kb / 7P
   1 . 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2138 ETL-GSC2138 Datasheet
551Kb / 7P
   1 . 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2188 ETL-G5U2188 Datasheet
547Kb / 7P
   1 . 5 A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSCLP2951 ETL-GSCLP2951 Datasheet
228Kb / 4P
   1 0 0 m A L o w - D r o p o u t Vo l t a g e R e g u l a t o r
GLP2950 ETL-GLP2950 Datasheet
240Kb / 3P
   1 0 0 m A L o w - D r o p o u t Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com