Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-L6561D013TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # E-L6561D013TR
Description  POWER FACTOR CORRECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6561D013TR Datasheet(HTML) 5 Page - STMicroelectronics

  E-L6561D013TR Datasheet HTML 1Page - STMicroelectronics E-L6561D013TR Datasheet HTML 2Page - STMicroelectronics E-L6561D013TR Datasheet HTML 3Page - STMicroelectronics E-L6561D013TR Datasheet HTML 4Page - STMicroelectronics E-L6561D013TR Datasheet HTML 5Page - STMicroelectronics E-L6561D013TR Datasheet HTML 6Page - STMicroelectronics E-L6561D013TR Datasheet HTML 7Page - STMicroelectronics E-L6561D013TR Datasheet HTML 8Page - STMicroelectronics E-L6561D013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
L6561
dently from the average output voltage. The precision in setting the overvoltage threshold is 7% of the ov-
ervoltage value (for instance
∆V = 60V ± 4.2V).
3.1 Disable function
The zero current detector (ZCD) pin can be used for device disabling as well. By grounding the ZCD volt-
age the device is disabled reducing the supply current consumption at 1.4mA typical (@ 14.5V supply volt-
age).
Releasing the ZCD pin the internal start-up timer will restart the device.
Figure 4.
Figure 5. Overvoltage Protection Circuit
VOUT nominal
ISC
40
µA
E/A OUTPUT
2.25V
DYNAMIC OVP
STATIC OVP
D97IN592A
OVER VOLTAGE
10
µA
+Vo
D97IN591
-
+
2
R1
R2
Ccomp.
E/A
1
2.5V
∆I
-
+
X
PWM
DRIVER
2.25V
40
µA
∆I


Similar Part No. - E-L6561D013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-L6569 STMICROELECTRONICS-E-L6569 Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
June 2000
More results

Similar Description - E-L6561D013TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
   POWER FACTOR CORRECTOR
June 2000
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
   POWER FACTOR CORRECTOR
UA7524 UTC-UA7524_15 Datasheet
204Kb / 5P
   POWER FACTOR CORRECTOR
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
   POWER FACTOR CORRECTOR
September 1998
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
L4981A STMICROELECTRONICS-L4981A_01 Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
8561 UTC-8561 Datasheet
162Kb / 6P
   POWER FACTOR CORRECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com