Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCE2.5 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VCE2.5
Description  EM Clutch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCE2.5 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  VCE2.5 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCE2.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers VCE2.5 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCE2.5 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCE2.5 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCE2.5 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCE2.5 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCE2.5 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
A
B
C
K
J
L
[ Note 1 : Available as factory-mounted only ]
[ 1 inch = 25.4 mm ]
Cooling Fan for V-Series Units
Types: 1.2, 2.5, 5
5
2000
2.5
1.2
6.5
138
76
VF
Max Allowable Speed [rpm]
2000
2000
62
50
4.5
16
13
131
Dimensions
[mm]
60
110
108
164
95
5.5
11
88
Optional Units¹
Applicable Units
VCE(H)-P
VBE(H)-P
VCE(H)
VBS(H)-P
VCS(H)-P
76
VBS(H)
VBE(H)
VCS(H)
VBEHA
VCSHA
VBSHA
VCEHA
VF


Similar Part No. - VCE2.5

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VCE20 XPPOWER-VCE20 Datasheet
606Kb / 4P
   AC-DC Power Supplies
VCE20US03 XPPOWER-VCE20US03 Datasheet
606Kb / 4P
   AC-DC Power Supplies
VCE20US05 XPPOWER-VCE20US05 Datasheet
606Kb / 4P
   AC-DC Power Supplies
VCE20US09 XPPOWER-VCE20US09 Datasheet
606Kb / 4P
   AC-DC Power Supplies
VCE20US12 XPPOWER-VCE20US12 Datasheet
606Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - VCE2.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMC ETC-MMC Datasheet
248Kb / 1P
   EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
   EM Clutch
AMC ETC-AMC Datasheet
104Kb / 1P
   Micro EM Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
   Micro EM Clutch
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
   EM Tooth Clutch
MZ ETC-MZ Datasheet
132Kb / 1P
   EM Tooth Clutch
HC ETC-HC Datasheet
204Kb / 1P
   EM Hysteresis Clutch
VCEHA ETC2-VCEHA Datasheet
302Kb / 1P
   Self-Adjusting EM Clutch
CT ETC-CT Datasheet
85Kb / 1P
   Self-Adjusting EM Clutch
MP-120 ETC-MP-120 Datasheet
93Kb / 1P
   EM Clutch/Brake Unit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com