Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4516CA727PF-A75 Datasheet(PDF) 6 Page - NEC

Part # MC-4516CA727PF-A75
Description  16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-4516CA727PF-A75 Datasheet(HTML) 6 Page - NEC

Back Button MC-4516CA727PF-A75 Datasheet HTML 2Page - NEC MC-4516CA727PF-A75 Datasheet HTML 3Page - NEC MC-4516CA727PF-A75 Datasheet HTML 4Page - NEC MC-4516CA727PF-A75 Datasheet HTML 5Page - NEC MC-4516CA727PF-A75 Datasheet HTML 6Page - NEC MC-4516CA727PF-A75 Datasheet HTML 7Page - NEC MC-4516CA727PF-A75 Datasheet HTML 8Page - NEC MC-4516CA727PF-A75 Datasheet HTML 9Page - NEC MC-4516CA727PF-A75 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet M14409EJ2V0DS00
6
MC-4516CA727
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
Parameter
Symbol
Test condition
MIN. MAX.
Unit
Notes
Operating current
ICC1
Burst length = 1
/CAS latency = 2
900
mA
1
tRC
≥ tRC(MIN.), IO = 0 mA
/CAS latency = 3
945
Precharge standby current in
ICC2P
CKE
≤ VIL(MAX.), tCK = 15 ns
9
mA
power down mode
ICC2PS CKE
≤ VIL(MAX.), tCK = ∞
9
Precharge standby current in
non power down mode
ICC2NCKE
≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),
Input signals are changed one time during 30 ns.
180
mA
ICC2NS CKE
≥ VIH(MIN.), tCK = ∞
Input signals are stable.
72
Active standby current in
ICC3P
CKE
≤ VIL(MAX.), tCK = 15 ns
45
mA
power down mode
ICC3PS CKE
≤ VIL(MAX.), tCK = ∞
36
Active standby current in
ICC3NCKE
≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),
270
mA
non power down mode
Input signals are changed one time during 30 ns.
ICC3NS CKE
≥ VIH(MIN.), tCK = ∞, Input signals are stable.
180
Operating current (Burst mode)
ICC4
tCK
≥ tCK(MIN.), IO = 0 mA
/CAS latency = 2
1,080
mA
2
/CAS latency = 3
1,395
CBR (Auto) refresh current
ICC5
tRC
≥ tRC(MIN.)
/CAS latency = 2
2,070
mA
3
/CAS latency = 3
2,160
Self refresh current
ICC6
CKE
≤ 0.2 V18
mA
Input leakage current
II(L)
VI = 0 to 3.6 V, All other pins not under test = 0 V
– 9+ 9
µA
Output leakage current
IO(L)
DOUT is disabled, VO = 0 to 3.6 V– 1.5
+ 1.5
µA
High level output voltage
VOH
IO = – 4 mA
2.4
V
Low level output voltage
VOL
IO = + 4 mA
0.4
V
Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK (MIN.).
2.ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK (MIN.).
3.ICC5 is measured on condition that addresses are changed only one time during tCK (MIN.).
5
5
5
5
5


Similar Part No. - MC-4516CA727PF-A75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516CA727PF-A75 ELPIDA-MC-4516CA727PF-A75 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-4516CA727PF-A75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA726 NEC-MC-4516CA726 Datasheet
149Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727 ELPIDA-MC-4516CA727 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516DA727 NEC-MC-4516DA727 Datasheet
154Kb / 6P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com