Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLJ60S6 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMLJ60S6
Description  6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMLJ60S6 Datasheet(HTML) 1 Page - Micro Commercial Components

  SMLJ60S6 Datasheet HTML 1Page - Micro Commercial Components SMLJ60S6 Datasheet HTML 2Page - Micro Commercial Components SMLJ60S6 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMLJ60S05
THRU
SMLJ60S10
Rectifier
50 - 1000 Volts
Features
Maximum Ratings
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6.0A
TA = 100
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 6.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5µA
100
µA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
150pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
MCC
Operating Junction Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
60S05
50V
35V
50V
60S1
100V
70V
100V
60S2
200V
140V
200V
60S4
400V
280V
400V
60S6
600V
420V
600V
60S8
800V
560V
800V
60S10
1000V
700V
1000V
6 Amp Surface Mount
Glass Passivated
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision: D
2014/03/07
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
SMLJ60S05
SMLJ60S1
SMLJ60S2
SMLJ60S4
SMLJ60S10
SMLJ60S6
SMLJ60S8
0.070”
0.190
0.125”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.103
2.00
2.62
B
.108
.128
2.75
3.25
C
.002
.008
0.051
0.203
D
.006
.012
0.152
0.305
E
.030
.060
0.76
1.52
F
..305
.320
7.75
8.13
G
.260
.280
6.60
7.11
H
.220
.245
5.59
6.22
G
H
E
D
F
A
B
C
SMC (DO-214AB)
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
High Surge Current Capability
Low Leakage
Glass Passivated Chip
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - SMLJ60S6

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ60S6 MCC-SMLJ60S6 Datasheet
217Kb / 3P
   6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
SMLJ60S6 MCC-SMLJ60S6 Datasheet
248Kb / 3P
   6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
More results

Similar Description - SMLJ60S6

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ60S5 MCC-SMLJ60S5 Datasheet
248Kb / 3P
   6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
SMLJ60S05 MCC-SMLJ60S05 Datasheet
217Kb / 3P
   6 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
DR750 MCC-DR750 Datasheet
85Kb / 3P
   Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
DR750 MCC-DR750_11 Datasheet
497Kb / 4P
   6 Amp Glass Passivated Rectifier 50 - 1000 Volts
DR750 MCC-DR750_13 Datasheet
522Kb / 4P
   Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
S8AL MCC-S8AL Datasheet
217Kb / 3P
   8 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
S8AL MCC-S8AL_14 Datasheet
194Kb / 3P
   Rectifier 50 - 1000 Volts 8 Amp Surface Mount Glass Passivated
S8M-LTP MCC-S8M-LTP Datasheet
240Kb / 3P
   8 Amp Surface Mount Glass Passivated Rectifier 50 - 1000 Volts
S10AL MCC-S10AL Datasheet
218Kb / 4P
   Rectifier 50 - 1000 Volts 10 Amp Surface Mount Glass Passivated
PB605 MCC-PB605 Datasheet
81Kb / 2P
   6 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com