Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-P12VTR Datasheet(PDF) 1 Page - Rohm

Part # SML-P12VTR
Description  Original device technology enables high brightness and high reliability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-P12VTR Datasheet(HTML) 1 Page - Rohm

  SML-P12VTR Datasheet HTML 1Page - Rohm SML-P12VTR Datasheet HTML 2Page - Rohm SML-P12VTR Datasheet HTML 3Page - Rohm SML-P12VTR Datasheet HTML 4Page - Rohm SML-P12VTR Datasheet HTML 5Page - Rohm SML-P12VTR Datasheet HTML 6Page - Rohm SML-P12VTR Datasheet HTML 7Page - Rohm SML-P12VTR Datasheet HTML 8Page - Rohm SML-P12VTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
SML-P1 series
PICOLED
TM
lFeatures
lOutline
• Ultra compact, thin size 1.0×0.6mm
• Lead Free/RoHS Compliant.
lSize
1006 (0402)
1.0×0.6mm (t=0.2mm)
lDimensions
lRecommended Solder Pattern
lSpecifications
Typ.
IF
Max.
VR
Min.*
2
Typ. Max.*2
IF
Min.
Typ.
IF
(V)
(mA)
(
mA)
(V)
(nm)
(nm)
(nm)
(mA) (mcd) (mcd) (mA)
SML-P12VT(R)
625
630
635
25
60
SML-P12UT(R)
615
620
625
40
85
SML-P12DT(R)
602
605
608
63
SML-P12YT(R)
587
590
593
40
SML-P12MT(R)
569
572
575
10
25
SML-P12PT(R)
557
560
563
2.5
6.3
SMLP13EC8T
3.0
520
527
535
56
(110)
SMLP13BC8T
465
470
475
9.0
(25)
SCMP13WBC8W
90
150
*1 : Duty 1/10, 1kHz *2 : Reference
lThermal Resistance
Conditions
*The above value is a result of actual measurement performed
on randomly selected product. The value does not have any meanings of guarantee.
*PICOLED
TM is ROHM's pending trademark.
4
5
20
5
5
(x, y) (0.30, 0.30)
20
100
54
2.0
2.1
2.2
33
2.9
5
-40 to +85 -40 to +100
20
5
100
Tstg(ºC)
AIGaInP
on GaAs
InGaN
20
10
100*
1
50*
1
50
52
Blue
White
Red
Orange
Yellow
Yellowish
Green
Green
Original device technology enables high brightness and high reliability
Part No.
Bluish
Green
34
Chip
Structure
Absolute Maximum Ratings (Ta=25ºC)
IFP(mA)
VR(V)
Topr(ºC)
Power
Forward
Current
PD(mW) IF(mA)
Dissipation
Operating Temp.
Color
Emitting
Current
Peak Forward
Electrical and Optical Characteristics (Ta=25ºC)
Voltage
Reverse
Forward Voltag VF Reverse Current IR
Dominant Wavelength
lD Luminous Intensity I
V
Storage Temp.
(unit : mm)
Tolerance : ±0.05
(unit : mm)
Color
Type
V
U
D
Y
M
P
E
B
WB
1006 (0402)
1.0×0.6mm (t=0.2mm)
θj-s
θj-a
643ºC/W
899ºC/W
Glass epoxy circuit board
30×10×0.8mmt
1.5mm
2 (Cathode)
Circuit Board
Circuit Board Dimensions
Pad Size
1/10
2014.07 - Rev.E


Similar Part No. - SML-P12VTR

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-P12VT ROHM-SML-P12VT Datasheet
125Kb / 3P
   0402<1.0 0.6 t=0.2mm> Standard Type
SML-P12VT ROHM-SML-P12VT Datasheet
1Mb / 4P
   Ultra compact
SML-P12VT ROHM-SML-P12VT Datasheet
1Mb / 4P
   SML-P1 Series PICOLEDTM-eco/PICOLEDTM
SML-P12VT ROHM-SML-P12VT Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-P12VT ROHM-SML-P12VT Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
More results

Similar Description - SML-P12VTR

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D12Y3W ROHM-SML-D12Y3W Datasheet
555Kb / 11P
   Original device technology enables high brightness and high reliability
SML-E1X ROHM-SML-E1X Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
SML-D14 ROHM-SML-D14 Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-51VW ROHM-SML-51VW Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
SML-D1 ROHM-SML-D1 Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
SML-D14A ROHM-SML-D14A Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-D13VW ROHM-SML-D13VW Datasheet
491Kb / 11P
   Original device technology enables high brightness
SML-D14VW ROHM-SML-D14VW Datasheet
650Kb / 11P
   Original device technology enables high brightness
SML-E12V8W ROHM-SML-E12V8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
SML-51 ROHM-SML-51_11 Datasheet
1Mb / 4P
   Original device technology enables high brightness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com