Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0603S200 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SF-0603S200
Description  SinglFuse??SF-0603S Series Features
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603S200 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SF-0603S200 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603S200 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603S200 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603S200 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SF-0603S Series - Slow Blow Surface Mount Fuses
Average Time Current Curves
Minimum I2T V Clear Time Curves
100
10
1
0.1
0.001
0.01
0.1
1
10
CURRENT (A)
100
0.50 A
3.15 A
0.63 A
3.00 A
0.80 A
2.50 A
1.00 A
2.00 A
4.00 A
5.00 A
1.25 A
1.60 A
1.50 A
100
10
1
0.1
0.01
0.001
0.001
0.01
0.1
CLEARING TIME (S)
1
4.00 A
5.00 A
1.25 A
1.00 A
0.80 A
0.63 A
0.50 A
2.50 A
2.00 A
1.60 A
1.50 A
3.15 A
3.00 A
REV. D 03/13
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - SF-0603S200

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603S200 BOURNS-SF-0603S200 Datasheet
364Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S200 BOURNS-SF-0603S200 Datasheet
368Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S200 BOURNS-SF-0603S200 Datasheet
368Kb / 4P
   SF-0603S Series - Slow Blow Surface Mount Fuses
SF-0603S200 BOURNS-SF-0603S200 Datasheet
384Kb / 5P
   SF-0603S Series - Slow Blow Surface Mount Fuses
SF-0603S200 BOURNS-SF-0603S200 Datasheet
541Kb / 4P
   Slow Blow Surface Mount Fuses
More results

Similar Description - SF-0603S200

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603S500-2 BOURNS-SF-0603S500-2 Datasheet
384Kb / 5P
   SF-0603S Series - Slow Blow Surface Mount Fuses
SF-0603S050-2 BOURNS-SF-0603S050-2 Datasheet
368Kb / 4P
   SF-0603S Series - Slow Blow Surface Mount Fuses
SF-0603S-M BOURNS-SF-0603S-M Datasheet
268Kb / 6P
   SF-0603S-M Series - Slow Blow Multilayer Surface Mount Fuses
REV. E 03/21
SF-3812TM-T BOURNS-SF-3812TM-T Datasheet
500Kb / 9P
   SinglFuse Telefuse Telecom Protectors
logo
Sharma Electro Componen...
SF SHARMA-SF Datasheet
340Kb / 2P
   SF Series
logo
Freescale Semiconductor...
MC9S08SH32CWL FREESCALE-MC9S08SH32CWL Datasheet
1Mb / 328P
   MC9S08SH32 Series Features
MC9S08DZ16AMLF FREESCALE-MC9S08DZ16AMLF Datasheet
2Mb / 416P
   MC9S08DZ60 Series Features
MC9S08DZ60ACLH FREESCALE-MC9S08DZ60ACLH Datasheet
2Mb / 416P
   MC9S08DZ60 Series Features
MC9S08DZ60MLF FREESCALE-MC9S08DZ60MLF Datasheet
1Mb / 416P
   MC9S08DZ60 Series Features
MC9S08DN32AMLC FREESCALE-MC9S08DN32AMLC Datasheet
1Mb / 356P
   MC9S08DN60 Series Features
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com