Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4516CA727EF-A75 Datasheet(PDF) 1 Page - NEC

Part # MC-4516CA727EF-A75
Description  16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-4516CA727EF-A75 Datasheet(HTML) 1 Page - NEC

  MC-4516CA727EF-A75 Datasheet HTML 1Page - NEC MC-4516CA727EF-A75 Datasheet HTML 2Page - NEC MC-4516CA727EF-A75 Datasheet HTML 3Page - NEC MC-4516CA727EF-A75 Datasheet HTML 4Page - NEC MC-4516CA727EF-A75 Datasheet HTML 5Page - NEC MC-4516CA727EF-A75 Datasheet HTML 6Page - NEC MC-4516CA727EF-A75 Datasheet HTML 7Page - NEC MC-4516CA727EF-A75 Datasheet HTML 8Page - NEC MC-4516CA727EF-A75 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1999
MOS INTEGRATED CIRCUIT
MC-4516CA727
16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE
UNBUFFERED TYPE
DATA SHEET
Document No. M14409EJ2V0DS00 (2nd edition)
Date Published January 2000 NS CP(K)
Printed in Japan
The mark
• shows major revised points.
Description
The MC-4516CA727EF and MC-4516CA727PF are 16,777,216 words by 72 bits synchronous dynamic RAM
module on which 9 pieces of 128M SDRAM:
µPD45128841 are assembled.
This module provides high density and large quantities of memory in a small space without utilizing the surface-
mounting technology on the printed circuit board.
Decoupling capacitors are mounted on power supply line for noise reduction.
Features
• 16,777,216 words by 72 bits organization (ECC Type)
• Clock frequency and access time from CLK
Part number
/CAS latency
Clock frequency
Access time from CLK
(MAX.)
(MAX.)
MC-4516CA727EF-A75
CL = 3
133 MHz
5.4 ns
CL = 2
100 MHz
6.0 ns
MC-4516CA727PF-A75
CL = 3
133 MHz
5.4 ns
CL = 2
100 MHz
6.0 ns
• Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge
• Pulsed interface
• Possible to assert random column address in every cycle
• Quad internal banks controlled by BA0 and BA1 (Bank Select)
• Programmable burst-length (1, 2, 4, 8 and full page)
• Programmable wrap sequence (sequential / interleave)
• Programmable /CAS latency (2, 3)
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• All DQs have 10 Ω ±10 % of series resistor
• Single 3.3 V ± 0.3 V power supply
• LVTTL compatible
• 4,096 refresh cycles/64 ms
• Burst termination by Burst Stop command and Precharge command
• 168-pin dual in-line memory module (Pin pitch = 1.27 mm)
• Unbuffered type
• Serial PD
5
5
5
5
5


Similar Part No. - MC-4516CA727EF-A75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516CA727EF-A75 ELPIDA-MC-4516CA727EF-A75 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-4516CA727EF-A75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA726 NEC-MC-4516CA726 Datasheet
149Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727 ELPIDA-MC-4516CA727 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516DA727 NEC-MC-4516DA727 Datasheet
154Kb / 6P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com