Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4516CA727EF-A75 Datasheet(PDF) 7 Page - NEC

Part # MC-4516CA727EF-A75
Description  16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-4516CA727EF-A75 Datasheet(HTML) 7 Page - NEC

Back Button MC-4516CA727EF-A75 Datasheet HTML 3Page - NEC MC-4516CA727EF-A75 Datasheet HTML 4Page - NEC MC-4516CA727EF-A75 Datasheet HTML 5Page - NEC MC-4516CA727EF-A75 Datasheet HTML 6Page - NEC MC-4516CA727EF-A75 Datasheet HTML 7Page - NEC MC-4516CA727EF-A75 Datasheet HTML 8Page - NEC MC-4516CA727EF-A75 Datasheet HTML 9Page - NEC MC-4516CA727EF-A75 Datasheet HTML 10Page - NEC MC-4516CA727EF-A75 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet M14409EJ2V0DS00
7
MC-4516CA727
AC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
Test Conditions
Parameter
Value
Unit
AC high level input voltage / low level input voltage
2.4 / 0.4
V
Input timing measurement reference level
1.4
V
Transition time (Input rise and fall time)
1
ns
Output timing measurement reference level
1.4
V
tCK
tCH
tCL
2.4 V
1.4 V
0.4 V
CLK
2.4 V
1.4 V
0.4 V
Input
tSETUP
tHOLD
Output
tAC
tOH
5


Similar Part No. - MC-4516CA727EF-A75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516CA727EF-A75 ELPIDA-MC-4516CA727EF-A75 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-4516CA727EF-A75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA726 NEC-MC-4516CA726 Datasheet
149Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727 ELPIDA-MC-4516CA727 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516DA727 NEC-MC-4516DA727 Datasheet
154Kb / 6P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com