Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2423 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SD2423
Description  Silicon NPN Epitaxial, Darlington
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD2423 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SD2423 Datasheet HTML 1Page - Hitachi Semiconductor 2SD2423 Datasheet HTML 2Page - Hitachi Semiconductor 2SD2423 Datasheet HTML 3Page - Hitachi Semiconductor 2SD2423 Datasheet HTML 4Page - Hitachi Semiconductor 2SD2423 Datasheet HTML 5Page - Hitachi Semiconductor 2SD2423 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SD2423
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
50
V
Collector to emitter voltage
V
CEO
50
V
Emitter to base voltage
V
EBO
7V
Collector current
I
C
1.5
A
Collector power dissipation
P
C*
1
1W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Collector to emitter diode forward current
I
D
1.5
A
Note:
1. When using the ceramic board 0.7 mm thick (12.5 mm x 20 mm).
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
50
70
V
I
C = 100 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
50
V
I
C = 10 mA, RBE = ∞
Collector to emitter sustaining
voltage
V
CEO(sus)
50
70
V
I
C = 1.5 A, RBE = ∞,
L = 10 mH*
1
Emitter to base breakdown
voltage
V
(BR)EBO
7—
V
I
E = 50 mA, IC = 0
Collector cutoff current
I
CEO
——
10
µAV
CE = 40 V, RBE = ∞
DC current transfer ratio
h
FE
2000
10000
V
CE = 3 V, IC = 1 A*
1
Collector to emitter saturation
voltage
V
CE(sat)1
1.5
V
I
C = 1 A, IB = 1 mA*
1
Collector to emitter saturation
voltage
V
CE(sat)2
2.3
V
I
C = 1.5 A, IB = 1.5 mA*
1
Base to emitter saturation
voltage
V
BE(sat)1
2.0
V
I
C = 1 A, IB = 1 mA*
1
Base to emitter saturation
voltage
V
BE(sat)2
2.5
V
I
C = 1.5 A, IB = 1.5 mA*
1
Emitter to collector diode
forward voltage
V
D
3.5
V
I
D = 1.5 A*
1
Notes: 1. Pulse test
2. Marking is “GT”.


Similar Part No. - 2SD2423

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD2423 RENESAS-2SD2423 Datasheet
150Kb / 7P
   Silicon NPN Epitaxial, Darlington
More results

Similar Description - 2SD2423

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1209 HITACHI-2SD1209 Datasheet
31Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SC1472 HITACHI-2SC1472 Datasheet
47Kb / 8P
   Silicon NPN Epitaxial, Darlington
2SD1470 HITACHI-2SD1470 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1978 HITACHI-2SD1978 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD2213 HITACHI-2SD2213 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SC3957 HITACHI-2SC3957 Datasheet
33Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1978 RENESAS-2SD1978 Datasheet
159Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1472 RENESAS-2SD1472_15 Datasheet
127Kb / 8P
   Silicon NPN Epitaxial, Darlington
logo
Hitachi Semiconductor
2SD2046 HITACHI-2SD2046 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1209 RENESAS-2SD1209 Datasheet
156Kb / 6P
   Silicon NPN Epitaxial, Darlington
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com