Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB82525H-V21 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # SAB82525H-V21
Description  High-Level Serial Communication Controller Extended
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB82525H-V21 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button SAB82525H-V21 Datasheet HTML 2Page - Siemens Semiconductor Group SAB82525H-V21 Datasheet HTML 3Page - Siemens Semiconductor Group SAB82525H-V21 Datasheet HTML 4Page - Siemens Semiconductor Group SAB82525H-V21 Datasheet HTML 5Page - Siemens Semiconductor Group SAB82525H-V21 Datasheet HTML 6Page - Siemens Semiconductor Group SAB82525H-V21 Datasheet HTML 7Page - Siemens Semiconductor Group SAB82525H-V21 Datasheet HTML 8Page - Siemens Semiconductor Group SAB82525H-V21 Datasheet HTML 9Page - Siemens Semiconductor Group SAB82525H-V21 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 126 page
background image
Semiconductor Group
6
82525
82526
82525
82526
SAB
SAB
SAF
SAF
Type
Ordering Code
Package
SAB 82525 N
Q67100-H6486
P-LCC-44-1 (SMD)
SAB 82526 N
Q67100-H6512
P-LCC-44-1 (SMD)
SAF 82525 N
Q67100-H6504
P-LCC-44-1 (SMD)
SAF 82526 N
Q67100-H6511
P-LCC-44-1 (SMD)
SAB 82525 H
Q67101-H6482
P-MQFP-44-2 (SMD)
1Features
Preliminary Data
CMOS IC
Two independent full-duplex HDLC channels
(SAB 82526: one channel)
Serial Interface
Different modes of data encoding
Modem control lines (RTS, CTS, CD)
Support of bus configuration by collision resolution
Programmable bit inversion
Transparent receive/transmit of data bytes
without HDLC framing
Continuous transmission of 1 to 32 bytes possible
Data rate up to 4 Mbit/s
On chip clock generation or external clock source
On chip DPLL for clock recovery for each channel
Two independent baudrate generators
(SAB 82526: one baudrate generator)
Independent time-slot assignment for each channel
with programmable time-slot length (1-256 bit)
High-Level Serial
Communications Controller Extended
(HSCX)
82525
82526
82525
82526
SAB
SAB
SAF
SAF
10.94
P-LCC-44-1
P-MQFP-44-2


Similar Part No. - SAB82525H-V21

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB82525H INFINEON-SAB82525H Datasheet
730Kb / 126P
   Data Communications ICs
10.94
logo
Siemens Semiconductor G...
SAB82525H SIEMENS-SAB82525H Datasheet
741Kb / 126P
   High-Level Serial Communication
More results

Similar Description - SAB82525H-V21

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82525N-V21 SIEMENS-SAB82525N-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
logo
Zilog, Inc.
Z80230 ZILOG-Z80230 Datasheet
103Kb / 12P
   ESCC??ENHANCED SERIAL COMMUNICATION CONTROLLER
Z8523310VSG ZILOG-Z8523310VSG Datasheet
58Kb / 4P
   EMSCC??Enhanced Mono Serial Communication Controller
Z85233 ZILOG-Z85233 Datasheet
3Mb / 317P
   The Zilog SCC Serial Communication Controller
logo
Infineon Technologies A...
PEB20532 INFINEON-PEB20532 Datasheet
3Mb / 282P
   2 Channel Serial Optimized Communication Controller
Version 1.2 Sep. 2000
logo
Zilog, Inc.
Z8523316VSG ZILOG-Z8523316VSG Datasheet
58Kb / 4P
   EMSCC??Enhanced Mono Serial Communication Controller
Z85233 ZILOG-Z85233 Datasheet
363Kb / 19P
   EMSCC-TM ENHANCED MONO SERIAL COMMUNICATION CONTROLLER
logo
Infineon Technologies A...
PEB20534 INFINEON-PEB20534 Datasheet
4Mb / 439P
   DMA Supported Serial Communication Controller with 4 Channels
Version 2.1 May 2000
PEB20542 INFINEON-PEB20542 Datasheet
3Mb / 300P
   2 Channel Serial Optimized Communication Controller with DMA
Version 1.2 Sep. 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com