Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2123L Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SD2123L
Description  Silicon NPN Epitaxial
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD2123L Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SD2123L Datasheet HTML 1Page - Hitachi Semiconductor 2SD2123L Datasheet HTML 2Page - Hitachi Semiconductor 2SD2123L Datasheet HTML 3Page - Hitachi Semiconductor 2SD2123L Datasheet HTML 4Page - Hitachi Semiconductor 2SD2123L Datasheet HTML 5Page - Hitachi Semiconductor 2SD2123L Datasheet HTML 6Page - Hitachi Semiconductor 2SD2123L Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SD2122(L)/(S), 2SD2123(L)/(S)
2
Absolute Maximum Ratings (Ta = 25°C)
Ratings
Item
Symbol
2SD2122(L)/(S) 2SD2123(L)/(S) Unit
Collector to base voltage
V
CBO
180
180
V
Collector to emitter voltage
V
CEO
120
160
V
Emitter to base voltage
V
EBO
55V
Collector current
I
C
1.5
1.5
A
Collector peak current
I
C(peak)
33A
Collector power dissipation
P
C*
1
18
18
W
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C
Note:
1. Value at T
C = 25°C.
Electrical Characteristics (Ta = 25°C)
2SD2122(L)/(S)
2SD2123(L)/(S)
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to base
breakdown voltage
V
(BR)CBO
180
180
V
I
C = 1 mA, IE = 0
Collector to emitter
breakdown voltage
V
(BR)CEO
120
160
V
I
C = 10 mA, RBE = ∞
Emitter to base
breakdown voltage
V
(BR)EBO
5—
5
V
I
E = 1 mA, IC = 0
Collector cutoff current
I
CBO
——10——10
µAV
CB = 160 V, IE = 0
DC current transfer ratio h
FE1*
2
60
200
60
200
A
V
CE = 5 V, IC = 150 mA*
1
h
FE2
30
30
V
CE = 5 V, IC = 500 mA*
1
Collector to emitter
saturation voltage
V
CE(sat)
——1
——1
V
I
C = 500 mA,
I
B = 50 mA*
1
Base to emitter voltage
V
BE
1.5
1.5
V
V
CE = 5 V, IC = 150 mA*
1
Gain bandwidth product f
T
180
180
MHz
V
CE = 5 V, IC = 150 mA*
1
Collector output
capacitance
Cob
14
14
pF
V
CB = 10 V, IE = 0,
f = 1 MHz
Notes: 1. Pulse test
2. The 2SD2122(L)/(S) and 2SD2123(L)/(S) are grouped by h
FE1 as follows.
BC
60 to 120
100 to 200


Similar Part No. - 2SD2123L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD2123L RENESAS-2SD2123L Datasheet
152Kb / 8P
   Silicon NPN Epitaxial
More results

Similar Description - 2SD2123L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com