Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN410-1-02 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FN410-1-02
Description  High performance two-stage PCB-mounting EMC fi lter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN410-1-02 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FN410-1-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN410-1-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
> Components > FN 410
*
Maximum leakage under normal operating conditions. Note: if the neutral line is interrupted, worst case leakage could reach twice this level.
Filter selection table
FN 410-0.5-02
0.5 (0.6)
373
24
24
33
2.2
-02
85
FN 410-1-02
1 (1.2)
373
10
10
33
2.2
-02
85
FN 410-3-02
3 (3.6)
373
2
2
33
2.2
-02
85
FN 410-6-02
6 (6.9)
373
0.8
0.8
33
2.2
-02
85
Filter
Rated current
Leakage current*
Inductance
Capacitance
Resistance
Input/Output
Weight
@ 40°C (25°C)
@ 230VAC/50Hz
L1
L2
Cx
Cy
R
connections
[A]
[μA]
[mH]
[mH]
[nF]
[nF]
[kΩ]
[g]
Product selector
FN 410-yy-..
02:
PCB through hole mounting
0.5 to 6:
Rated current
For example: FN 410-0.5-02, FN 410-6-02
Your local partner: To find your local partner within Schaffner’s global network, please go to www.schaffner.com
May 2008
Per CISPR 17; A = 50Ω/50Ω sym; B = 50Ω/50Ω asym; C = 0.1Ω/100Ω sym; D = 100Ω/0.1Ω sym
Typical filter attenuation
0.5 and 1A types
3 and 6A types
All dimensions in mm; 1 inch = 25.4mm
Tolerances according: ISO 2768-m / EN 22768-m
Mechanical data
15
19
33
7±0.5
7.5


Similar Part No. - FN410-1-02

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN410-1-02 SCHAFFNER-FN410-1-02 Datasheet
453Kb / 3P
   High Performance Two-stage PCB-mounting EMC Filter
More results

Similar Description - FN410-1-02

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-410 SCHAFFNER-FN-410 Datasheet
453Kb / 3P
   High Performance Two-stage PCB-mounting EMC Filter
logo
List of Unclassifed Man...
FN2070-6-06 ETC2-FN2070-6-06 Datasheet
476Kb / 4P
   Multi-stage performance EMI fi lter
FN410-6-02 ETC2-FN410-6-02 Datasheet
159Kb / 3P
   High Performance Two-stage PCB-mounting EMC Filter PCB Filters FN 410
FN409-3-02 ETC2-FN409-3-02 Datasheet
318Kb / 3P
   75VDC input PCB fi lter
logo
Delta Electronics, Inc.
03SEEG3H DELTA-03SEEG3H Datasheet
61Kb / 1P
   TWO-STAGE HIGH PERFORMANCE IEC CONNECTOR FILTERS
logo
List of Unclassifed Man...
FN660-1-06 ETC2-FN660-1-06 Datasheet
527Kb / 4P
   Two-stage general performance EMI filter
logo
Schaffner International...
FN-9233 SCHAFFNER-FN-9233 Datasheet
964Kb / 7P
   High Performance EMC/EMI Filter
logo
List of Unclassifed Man...
FN9233SR-3-06 ETC2-FN9233SR-3-06 Datasheet
348Kb / 6P
   High Performance EMC/EMI Filter
logo
Schaffner International...
FN-700-Z SCHAFFNER-FN-700-Z Datasheet
211Kb / 3P
   Three-stage EMC/EMI Filter
logo
Taoglas antenna solutio...
AP.25F.07.0078A TAOGLAS-AP.25F.07.0078A_17 Datasheet
905Kb / 7P
   25mm Two Stage GPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com