Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1521 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SD1521
Description  Silicon NPN Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1521 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SD1521 Datasheet HTML 1Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 2Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 3Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 4Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 5Page - Hitachi Semiconductor 2SD1521 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SD1521
2
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
(Zener breakdown voltage)
V
(BR)CBO
[V
Z]
50
60
70
V
I
C = 0.1 mA, IE = 0
Emitter to base breakdown
voltage
V
(BR)EBO
7—
V
I
E = 50 mA, IC = 0
Collector cutoff current
I
CEO
——
10
µAV
CE = 50 V, RBE = ∞
DC current transfer ratio
h
FE
2000
30000
V
CE = 3 V, IC = 1 A*
1
Collector to emitter saturation
V
CE (sat)1
1.5
V
I
C = 1 A, IB = 1 mA*
1
voltage
V
CE (sat)2
2.0
V
I
C = 1.5 A, IB = 1.5 mA*
1
Base to emitter saturation
V
BE (sat)1
2.0
V
I
C = 1 A, IB = 1 mA*
1
voltage
V
BE (sat)2
2.5
V
I
C = 1.5 A, IB = 1.5 mA*
1
C to E diode forward voltage
V
D
3.0
V
I
D = 1.5 A
Turn on time
Ton
0.5
µsI
C = 1 A, IB1 = –IB2 = 1 mA
Turn off time
Toff
2.0
µs
Note:
1. Pulse test.
0
50
100
150
Case temperature TC (°C)
Maximum Collector Dissipation Curve
15
10
5
0.01
0.03
0.1
0.3
1.0
10
3
Collector to emitter voltage VCE (V)
3
10
30
100
300
Area of Safe Operation
1
µs
100
µs
iC (peak)
IC (max)
Ta = 25
°C
1 shot pulse


Similar Part No. - 2SD1521

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1520 HITACHI-2SD1520 Datasheet
373Kb / 2P
   MEDIUM SPEED POWER AMPLIFIER
2SD1520L HITACHI-2SD1520L Datasheet
373Kb / 2P
   MEDIUM SPEED POWER AMPLIFIER
2SD1520S HITACHI-2SD1520S Datasheet
373Kb / 2P
   MEDIUM SPEED POWER AMPLIFIER
logo
Inchange Semiconductor ...
2SD1522 ISC-2SD1522 Datasheet
278Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD1523 ISC-2SD1523 Datasheet
279Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Similar Description - 2SD1521

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com