Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAP5910GGZG2 Datasheet(PDF) 4 Page - Texas Instruments

Part # OMAP5910GGZG2
Description  Dual-Core Processor
Download  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP5910GGZG2 Datasheet(HTML) 4 Page - Texas Instruments

  OMAP5910GGZG2 Datasheet HTML 1Page - Texas Instruments OMAP5910GGZG2 Datasheet HTML 2Page - Texas Instruments OMAP5910GGZG2 Datasheet HTML 3Page - Texas Instruments OMAP5910GGZG2 Datasheet HTML 4Page - Texas Instruments OMAP5910GGZG2 Datasheet HTML 5Page - Texas Instruments OMAP5910GGZG2 Datasheet HTML 6Page - Texas Instruments OMAP5910GGZG2 Datasheet HTML 7Page - Texas Instruments OMAP5910GGZG2 Datasheet HTML 8Page - Texas Instruments OMAP5910GGZG2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 171 page
background image
Revision History
4
August 2002 -- Revised August 2004
SPRS197D
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
68
In Section 3.13, removed the following bulleted items:
Quantization /Dequantization (useful for JPEG, MPEG, H.26x Encoding/Decoding)
Flexible 1D/2D Wavelet Processing (useful for JPEG2000, MPEG4, and other compression standards)
Boundary and Perimeter Computation (useful for Machine Vision applications)
Image Threshold and Histogram Computations (useful for various Image Analysis applications)
72
Revised Table 3--17 to change access width from 32 bit to 16 bit. Changed MPU_READ_TIM_WD address to FFFE:C804
and changed MPU_TIMER_MODE_WD address to FFFE:C808.
120
Revised Section 4.1 and added Figure 4--1, OMAP Device Nomenclature
126
Changed Section 5.6.2, first paragraph, third line from “If the internal oscillator is not used (configured in software), an ex-
ternal clock source must be applied to the OSC1_IN pin and the OSC1_OUT pin must be left unconnected.” to “If the inter-
nal oscillator is not used (configured in software using FUNC_MUX_CTRL_B register), an external clock source must be
applied to the OSC1_IN pin and the OSC1_OUT pin must be left unconnected.”
130
Revised Table 5--10
131
Revised Table 5--11
141 -- 142
Changed footnote of Table 5--14 from: “P = 1/(Base frequency) for McBSP1 and 3, or 1/(AMPER_CK clock frequency) in
nanoseconds (ns) for McBSP 2.Base frequency is 12 or 13MHz”. to: “Regardless of whether MCBSP.CLKS is internally or
externally clocked, P = 1/(DSPXOR_CK) for McBSP1 and McBSP3, and P = 1/(AMPER_CK) for McBSP2. See the
OMAP5910 Dual--Core Processor Clock Generation and System Reset Management Reference Guide (literature number
SPRU678) for additional details.”


Similar Part No. - OMAP5910GGZG2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP5910 TI-OMAP5910 Datasheet
1Mb / 166P
[Old version datasheet]   DUAL-CORE PROCESSOR
OMAP5910JGVL2 TI-OMAP5910JGVL2 Datasheet
1Mb / 166P
[Old version datasheet]   DUAL-CORE PROCESSOR
OMAP5910JZVL2 TI-OMAP5910JZVL2 Datasheet
1Mb / 166P
[Old version datasheet]   DUAL-CORE PROCESSOR
OMAP5910JZZG2 TI-OMAP5910JZZG2 Datasheet
2Mb / 171P
[Old version datasheet]   This document has been reviewed for technical accuracy; the technical content is up-to-date as of the specified release date and includes the following changes
More results

Similar Description - OMAP5910GGZG2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP5910 TI-OMAP5910 Datasheet
1Mb / 166P
[Old version datasheet]   DUAL-CORE PROCESSOR
logo
Freescale Semiconductor...
MSC8112 FREESCALE-MSC8112 Datasheet
831Kb / 44P
   Dual Core Digital Signal Processor
MSC8152 FREESCALE-MSC8152_11 Datasheet
891Kb / 68P
   Dual-Core Digital Signal Processor
MSC8252 FREESCALE-MSC8252_11 Datasheet
887Kb / 68P
   Dual-Core Digital Signal Processor
logo
Analog Devices
ADSP-BF608BBCZ-5 AD-ADSP-BF608BBCZ-5 Datasheet
3Mb / 112P
   Blackfin Dual Core Embedded Processor
REV. 0
logo
Freescale Semiconductor...
MSC8152 FREESCALE-MSC8152 Datasheet
913Kb / 68P
   Dual-Core Digital Signal Processor
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
   Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
   Dual-Core Intel Xeon Processor
logo
Analog Devices
ADSP-BF607BBCZ-5 AD-ADSP-BF607BBCZ-5 Datasheet
3Mb / 112P
   Blackfin Dual Core Embedded Processor
REV. 0
logo
Intel Corporation
313079-001 INTEL-313079-001 Datasheet
3Mb / 104P
   Dual-Core Intel Xeon Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com