Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D270J20C0GH6.L2R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # D270J20C0GH6.L2R
Description  Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D270J20C0GH6.L2R Datasheet(HTML) 1 Page - Vishay Siliconix

  D270J20C0GH6.L2R Datasheet HTML 1Page - Vishay Siliconix D270J20C0GH6.L2R Datasheet HTML 2Page - Vishay Siliconix D270J20C0GH6.L2R Datasheet HTML 3Page - Vishay Siliconix D270J20C0GH6.L2R Datasheet HTML 4Page - Vishay Siliconix D270J20C0GH6.L2R Datasheet HTML 5Page - Vishay Siliconix D270J20C0GH6.L2R Datasheet HTML 6Page - Vishay Siliconix D270J20C0GH6.L2R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ceramic Disc Capacitors
Class 1 and 2, 100 VDC, General Purpose
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28511
28
Revision: 07-Jan-10
D Series
Vishay BCcomponents
Capacitors with 5 mm (0.20") and 2.5 mm (0.10") lead spacing
MARKING
Marking indicates capacitance value and tolerance in
accordance with “EIA 198”.
OPERATING TEMPERATURE RANGE
Class 1, - 55 °C to + 125 °C
Class 2, - 30 °C to + 85 °C
TEMPERATURE COEFFICIENTS
Class 1, NP0; SL0
Class 2, Y5P; Z5U; Y5V; Z5V
SECTIONAL SPECIFICATIONS
Class 1, IEC 60 384-8,
Class 2, IEC 60 384-9,
EIA 198
CLIMATIC CATEGORY
Class 1, 55/125/21
Class 2, 10/85/21 and 30/85/21
FEATURES
•Low losses
• High stability
• High capacitance in small size
• Kinked (preferred) or straight leads
• Compliant to RoHS directive 2002/95/EC
APPLICATIONS
• Bypassing
•Coupling
• Resonant circuit
DESIGN
The capacitors consist of a ceramic disc both sides of which
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.6 mm.
The capacitors have inward kinked leads with a spacing of
5 mm (0.200") and straight leads with 2.5 mm (0.100"), lead
length from 4 mm to 30 mm.
CAPACITANCE RANGE
1.0 pF to 100 pF; Class 1, at 1 MHz, 1.2 VRMS
150 pF to 47 000 pF; Class 2, at 1 kHz, 1 VRMS ± 0.2 VRMS
1 kHz, 1 VRMS ± 0.2 VRMS for capacitance values higher than
1000 pF
RATED DC VOLTAGE
100 V
DIELECTRIC STRENGTH
250 % of rated voltage
INSULATION RESISTANCE AT 100 VDC
≥ 10 000 MΩ
TOLERANCE ON CAPACITANCE
± 0.25 pF; ± 0.5 pF; ± 5 % ; ± 10 %; ± 20 %; + 80/- 20 %
DISSIPATION FACTOR
Class 1, C
≤ 30 pF; ≤ 2 x (10/C + 0.7) x 10-4 maximum
Class 1, C > 30 pF;
≤ 0.2 %
Class 2,
≤ 3.0 %
Note
The capacitors meet the essential requirements of “EIA 198”. Unless stated otherwise all electrical values apply at an ambient temperature of
25 °C ± 3 °C, at normal atmospheric conditions.
QUICK REFERENCE DATA
DESCRIPTION
CLASS 1
(NP0, SL0)
CLASS 2
(YP5, Z50, Y5V, Z5V)
Voltage (VDC)
100
Min. Capacitance (pF)
1.0
150
Max. Capacitance (pF)
100
47 000
Mounting
Through hole
D
F
Tangent
line
DR
Tangent
line
D
SH
F


Similar Part No. - D270J20C0GH6.L2R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D270J20C0GH6.L2R VISHAY-D270J20C0GH6.L2R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
D270J20C0GH6.L2R VISHAY-D270J20C0GH6.L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D270J20C0GH6.L2R VISHAY-D270J20C0GH6.L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
More results

Similar Description - D270J20C0GH6.L2R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
DSERIES VISHAY-DSERIES Datasheet
126Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
01-Jan-2022
D15020U2JH6 VISHAY-D15020U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D152K29Y5PL6TJ5R VISHAY-D152K29Y5PL6TJ5R Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
HV1KV-6KV VISHAY-HV1KV-6KV Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
LV50V VISHAY-LV50V Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
HV500V VISHAY-HV500V_08 Datasheet
274Kb / 6P
   Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Revision 19-Jan-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com