Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7621ACSA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # ICL7621ACSA
Description  Single/Dual/Triple/Quad Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7621ACSA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button ICL7621ACSA Datasheet HTML 5Page - Maxim Integrated Products ICL7621ACSA Datasheet HTML 6Page - Maxim Integrated Products ICL7621ACSA Datasheet HTML 7Page - Maxim Integrated Products ICL7621ACSA Datasheet HTML 8Page - Maxim Integrated Products ICL7621ACSA Datasheet HTML 9Page - Maxim Integrated Products ICL7621ACSA Datasheet HTML 10Page - Maxim Integrated Products ICL7621ACSA Datasheet HTML 11Page - Maxim Integrated Products ICL7621ACSA Datasheet HTML 12Page - Maxim Integrated Products ICL7621ACSA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Single/Dual/Triple/Quad
Operational Amplifiers
_______________________________________________________________________________________
9
ICL76XXA
ICL76XXB
ICL76XXD
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
IQ = 10µA (Note 3)
0.044
0.044
0.044
IQ = 100µA
0.48
0.48
0.48
Unity-Gain
Bandwidth
GBW
IQ = 1mA (Note 3)
1.4
1.4
1.4
MHz
Input Resistance
RIN
10
12
10
12
10
12
RS
≤ 100kΩ,
IQ = 10µA (Note 3)
76
96
70
96
70
96
RS
≤ 100kΩ,
IQ = 100µA
76
91
70
91
70
91
Common-Mode
Rejection Ratio
CMRR
RS
≤ 100kΩ,
IQ = 1mA (Note 3)
66
87
60
87
60
87
dB
RS
≤ 100kΩ,
IQ = 10µA (Note 3)
80
94
80
94
80
94
RS
≤ 100kΩ,
IQ = 100µA
80
86
80
86
80
86
Power-Supply
Rejection Ratio
PSRR
RS
≤ 100kΩ,
IQ = 1mA (Note 3)
70
77
70
77
70
77
dB
Input-Referred
Noise Voltage
en
RS = 100
Ω, f =
1kHz
100
100
100
nV/
√Hz
Input-Referred
Noise Current
in
RS = 100
Ω, f =
1kHz
0.01
0.01
0.01
pA/
√Hz
IQ = 10µA
(Note 3)
0.01
0.02
0.01
0.02
0.01
0.02
IQ =
100µA
0.1
0.25
0.1
0.25
0.1
0.25
Supply Current
(Per Amplifier)
ISUPP
No
signal,
no load
IQ = 1mA
(Note 3)
1.0
2.5
1.0
2.5
1.0
2.5
mA
Channel
Separation
VO1 / VO2 AVOL = 100
120
120
120
dB
ELECTRICAL CHARACTERISTICS (Single/Dual) (continued)
(VSUPP = ±5.0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - ICL7621ACSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7621ACSA MAXIM-ICL7621ACSA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7621ACSA MAXIM-ICL7621ACSA Datasheet
510Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 2; 4/08
ICL7621ACSA MAXIM-ICL7621ACSA Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
ICL7621ACSA MAXIM-ICL7621ACSA Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL7621ACSA MAXIM-ICL7621ACSA Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
More results

Similar Description - ICL7621ACSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7611 MAXIM-ICL7611 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL761X MAXIM-ICL761X Datasheet
510Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 2; 4/08
ICL7612 MAXIM-ICL7612 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL761X MAXIM-ICL761X_1 Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
OP292 AD-OP292_02 Datasheet
516Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. B
OP292 AD-OP292_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
OP492GSZ AD-OP492GSZ Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. C
logo
Texas Instruments
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
[Old version datasheet]   Single Supply, Dual and Triple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com