Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N001-006-BL Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N001-006-BL
Description  Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Blue, 6-ft.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N001-006-BL Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N001-006-BL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N001-006-BL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N001-006-BL Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cat5e 350MHz Snagless Molded Patch Cable (RJ45
M/M) - Blue, 6-ft.
MODEL NUMBER: N001-006-BL
Description
Tripp Lite's 6-ft. Blue snagless category 5e (Cat5e) patch cable has 2 snagless RJ45 molded male connectors
featuring integral strain relief. The cable is manufactured from PVC 4-pair stranded UTP and is rated for 350MHz/1Gbps communication. All cables are offered
in a variety of lengths and colors for all category 5 (Cat5) and 5e cabling needs. Standard, non-snagless category 5e patch cables are also available
(N002-Series).
Features
Cabling for category 5 (Cat5) and 5e (Cat5e) applications
Length: 6-ft. color: Blue connectors: RJ45 male
Feature molded connectors with integral strain relief
Snagless design protects the locking tabs on the RJ45 connectors from being damaged or snapped off during installation
PVC 4-pair stranded UTP
Rated for 350MHz/ 1Gbps communication
Meets most current industry standards including IEEE 802.3ab, IEEE 802.5, ANSI/EIA/TIA 568, ISO/IEC 11801 and ETL (category 5e draft 11)
Available in other colors and lengths
Also available without the snagless feature (N002-Series)
Also available - Cat6 cables (N201-Series)
Specifications
OVERVIEW
Intended Application
Computer Networking
Cable Type
CAT5 / CAT5E
Model Type
Snagless Patch Cables
Highlights
Premium cabling for Category 5
and 5e applications—rated for
350 MHz/1 Gbps communications
IEEE 802.3ab
PVC 4-pair stranded UTP
All cables feature boots with
integral strain-relief and RJ45
(Male) connectors
System Requirements
For 1000Base-T (1Gbps
Ethernet), 10/100Base-T
(Ethernet), 100 Mbps TPDDI,
155 Mbps ATM, ISDN, voice and
Token Ring Type3 applications
Package Includes
6-ft. Blue Snagless Cat5e Patch
Cable
1 / 2


Similar Part No. - N001-006-BL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N001-006-BK TRIPPLITE-N001-006-BK Datasheet
477Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Black, 6-ft.
More results

Similar Description - N001-006-BL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N001-002-BL TRIPPLITE-N001-002-BL Datasheet
480Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Blue, 2-ft.
N001-006-YW TRIPPLITE-N001-006-YW Datasheet
491Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Yellow, 6-ft.
N001-006-BK TRIPPLITE-N001-006-BK Datasheet
477Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Black, 6-ft.
N001-006-GY TRIPPLITE-N001-006-GY Datasheet
477Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Gray, 6-ft.
N001-020-BL TRIPPLITE-N001-020-BL Datasheet
480Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Blue, 20-ft.
N001-050-BL TRIPPLITE-N001-050-BL Datasheet
478Kb / 2P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Blue, 50-ft.
N001-100-BL TRIPPLITE-N001-100-BL Datasheet
484Kb / 4P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Blue, 100-ft.
N001-015-BL TRIPPLITE-N001-015-BL Datasheet
486Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Blue, 15-ft.
N001-025-BL TRIPPLITE-N001-025-BL Datasheet
476Kb / 4P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Blue, 25-ft.
N001-040-BL TRIPPLITE-N001-040-BL Datasheet
480Kb / 3P
   Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Blue, 40-ft.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com