Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


N001-005-BL Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part No. N001-005-BL
Description  Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Blue, 5-ft.
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

   
 2 page
background image
INPUT
Cable Length (ft.)
5
Cable Length (m)
1.52
UPC ASSIGNMENT
Unit Carton UPC#
037332099921
PHYSICAL
Color
Blue
Style
Cat5/5e
CONNECTIONS
Connector A
RJ45 (MALE)
Connector B
RJ45 (MALE)
CERTIFICATIONS
Certifications
RoHS-Compliant
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
DNET1
Network Surge Suppressor - Essential protection for data and communication lines
1
N001-005-BK
5-ft. Cat5e 350MHz Snagless Molded Cable
(RJ45 M/M) - Black
1
N001-005-GY
5-ft. Cat5e 350MHz Snagless Molded Cable
(RJ45 M/M) - Gray
1
N001-007-BL
7-ft. Cat5e 350MHz Snagless Molded Cable
(RJ45 M/M) - Blue
1
N002-005-BL
5-ft. Cat5e 350MHz Molded Cable
(RJ45 M/M) - Blue
1
N010-007-GY
7-ft. Cat5e 350MHz Molded Cross-over Cable
(RJ45 M/M) - Gray
1
2 / 3




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl