Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WPX
Description  Bipolar Process
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WPX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WPX Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet DS00111 /June 2010
Process information and data (“Information”) in this document is an outline only , for general information purposes ; it does not constitute a representation or warranty
as to capability , performance or suitability of the Process for any given application. User must satisfy himself that the Process is suitable for his requirements .
While Information herein is believed correct and accurate , it is subject to change without notice and Plessey accepts no liability arising from the use or application of
such Information.
All use of , and product manufactured and supplied using the Process , will be subject to Plessey’s standard trading terms, which are available on request .
Plessey Semiconductors Ltd. Tamerton Road, Roborough, Plymouth, United Kingdom, PL6 7BQ
Tel: +44 1752 693000
Fax: +44 1752 693200
Web: www.plesseysemiconductors.com
WPX
Bipolar Process
Data Sheet DS00111 / June 2010
Key parameters (minimum geometry device)
NPN
fT
5 GHz at Ic=0.3 mA, Vce=2V
CJC
8 fF
CJE
10fF
Bvceo
18V
Applications
Linear applications
DC to DC converters
Switching regulators
Power management
Key Process Features
High speed NPN transistors
Lateral PNP transistors
0.9 fF/sq µm MIS capacitor (optional)
3 resistors including HV polysilicon
Schottky Diodes Vf=0.5V
Zener Diodes BVz=5.3 V (optional)
High packing density
Very low leakage currents
npn cross section
Epitaxy (n-)
BN
Substrate (p-)
DC
Collector
LOCOS
BP
IS
LOCOS
Base
Emitter
IS
BP
Minimum geometry npn fT curve
0.0
1.0
2.0
3.0
4.0
5.0
6.0
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
IC (A)
fT (GHz)
Vce=2V
npn parameters (1.5 x 1.5 um emitter)
parameter
Condition
Value
Units
fT
Vce=2V
5
GHz
HFE
Ic=10
μA Vce=2V
85
VAF
70
V
BVCEO
Ic=1
μA
>18
V
BVCBO
Ic=5
μA
>30
V
CJE
Vbe=0
10
fF
CJC
Vbc=0
8
fF
CJS
Vcs=0
97
fF
Lateral pnp parameters
parameter
Condition
Value
Units
fT
Vce=2V
100
MHz
HFE
Ic=10
μA Vcb=0V
60
VAF
20
V
BVCEO
Ic=1
μA
>18
V
Resistor Values
parameter
Value
Units
Poly
3.2
± 0.5
k
Ω
Base
550
± 50
Ω
PR
67.5
± 7.5
Ω
Design Rules
Feature
Min
μm
Spacing
μm
Emitter
1.0 x 2.5
or
1.5 x 1.5
Poly (EP) resistor
1.5
2.0
Base and PR
resistor
3.0
1.5
Contact
1.0 x 2.5
or
1.5 x 1.5
1st Layer metal
2.0
2.0
2
nd layer metal
4.0
3.0
WPX is a versatile low capacitance linear bipolar process providing
excellent functionality at low cost. Features such as high value poly
resistors, nitride capacitors, Schottky and Zener diodes and two layer
metal allow low current circuits to be built with high packing densities,


Similar Part No. - WPX

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
WPX-BB PENTAIR-WPX-BB Datasheet
206Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
WPX100BB20P PENTAIR-WPX100BB20P Datasheet
206Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
WPX100BB97P PENTAIR-WPX100BB97P Datasheet
206Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
WPX10BB97P PENTAIR-WPX10BB97P Datasheet
206Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
WPX25BB97P PENTAIR-WPX25BB97P Datasheet
206Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
More results

Similar Description - WPX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WPC ETC2-WPC Datasheet
54Kb / 1P
   Bipolar Process
WXC ETC2-WXC Datasheet
52Kb / 1P
   Bipolar Process
HJV ETC2-HJV Datasheet
83Kb / 1P
   Complementary Bipolar Process
HJB ETC2-HJB Datasheet
84Kb / 1P
   Complementary Bipolar Process
HJW ETC2-HJW Datasheet
83Kb / 1P
   Complementary Bipolar Process
HSB ETC2-HSB Datasheet
72Kb / 1P
   SOI Complementary Bipolar Process
HGC ETC2-HGC Datasheet
82Kb / 1P
   double-polysilicon trench isolated bipolar process
logo
ON Semiconductor
2SA1705 ONSEMI-2SA1705 Datasheet
580Kb / 6P
   Bipolar Transistor Adoption of FBET process
September, 2013
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com