Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MD4D28-181MF Datasheet(PDF) 8 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MD4D28-181MF
Description  Available for ultra low profile
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MD4D28-181MF Datasheet(HTML) 8 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Back Button 1MD4D28-181MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD4D28-181MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD4D28-181MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD4D28-181MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD4D28-181MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD4D28-181MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD4D28-181MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD4D28-181MF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MD4D28-181MF Datasheet HTML 10Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
 
 
 
8 
1MD Series
Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MD‐2012A
Accetek 
Inductance
DCR
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms(A)
Isat(A)
1MD8D28-2R5NF
2.5
±30%
0.012
0.016
4.50
6.40
1MD8D28-3R3NF
3.3
±30%
0.014
0.018
4.00
6.00
1MD8D28-4R7NF
4.7
±30%
0.019
0.025
3.40
4.50
1MD8D28-7R3NF
7.3
±30%
0.030
0.039
2.80
3.40
1MD8D28-100MF
10
±20%
0.036
0.047
2.50
3.20
1MD8D28-150MF
15
±20%
0.053
0.069
1.90
2.35
1MD8D28-220MF
22
±20%
0.076
0.099
1.60
1.85
1MD8D28-330MF
33
±20%
0.120
0.156
1.30
1.45
1MD8D28-470MF
47
±20%
0.150
0.195
1.15
1.30
1MD8D28-680MF
68
±20%
0.220
0.286
0.92
0.98
1MD8D28-101MF
100
±20%
0.330
0.430
0.75
0.80
1MD8D38-1R8NF
1.8
±30%
0.013
0.016
6.80
7.00
1MD8D38-2R5NF
2.5
±30%
0.014
0.018
6.00
6.50
1MD8D38-3R5NF
3.5
±30%
0.019
0.024
5.20
5.00
1MD8D38-4R7NF
4.7
±30%
0.023
0.029
4.40
4.60
1MD8D38-6R0NF
6.0
±30%
0.025
0.032
4.00
4.20
1MD8D38-100MF
10
±20%
0.038
0.048
3.20
3.00
1MD8D38-150MF
15
±20%
0.053
0.067
2.50
2.75
1MD8D38-220MF
22
±20%
0.084
0.105
2.00
2.30
1MD8D38-330MF
33
±20%
0.125
0.157
1.60
1.75
1MD8D38-470MF
47
±20%
0.151
0.189
1.42
1.52
1MD8D38-680MF
68
±20%
0.232
0.290
1.08
1.30
1MD8D38-101MF
100
±20%
0.328
0.410
0.88
1.05
1MD8D43-R68NF
0.68
±30%
0.007
0.010
6.90
9.00
1MD8D43-1R2NF
1.2
±30%
0.009
0.012
6.20
8.00
1MD8D43-2R0NF
2.0
±30%
0.011
0.014
5.50
7.00
1MD8D43-3R9NF
3.9
±30%
0.015
0.019
4.50
5.90
1MD8D43-4R7NF
4.7
±30%
0.017
0.022
4.10
5.60
1MD8D43-6R8NF
6.8
±30%
0.020
0.025
3.90
4.40
1MD8D43-100MF
10
±20%
0.029
0.036
3.20
4.00
1MD8D43-150MF
15
±20%
0.042
0.053
2.30
2.90
1MD8D43-220MF
22
±20%
0.060
0.075
1.80
2.60
1MD8D43-330MF
33
±20%
0.100
0.125
1.40
2.20
1MD8D43-470MF
47
±20%
0.120
0.150
1.30
1.80
1MD8D43-680MF
68
±20%
0.190
0.240
1.00
1.50
1MD8D43-101MF
100
±20%
0.290
0.360
0.80
1.30
1. Inductance measured @ 100KHz, 0.3V at 25°C temperature.
2. DCR measured @ 25°C.
3. Irms: DC current for an approximate 40°C rise from 20°C ambient temperature.
4. Isat: DC current for approximate 35% roll off at 25°C.
5. Specifications subject to change without notice please check our website for latest information.
E TAPE AND REEL SPECIFICATIONS


Similar Part No. - 1MD4D28-181MF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MD4T1B5M1QE ETC2-1MD4T1B5M1QE Datasheet
376Kb / 18P
   Toggle Switches
1MD4T2B4M6RE ETC2-1MD4T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
1MD4T2B4M7RE ETC2-1MD4T2B4M7RE Datasheet
376Kb / 18P
   Toggle Switches
1MD4T2B4VS3RE ETC2-1MD4T2B4VS3RE Datasheet
376Kb / 18P
   Toggle Switches
More results

Similar Description - 1MD4D28-181MF

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
   Ultra Low Profile
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
logo
Anaren Microwave
DC1417J5005AHF ANAREN-DC1417J5005AHF Datasheet
186Kb / 6P
   Ultra Low Profile 0805
DC2327J5005AHF ANAREN-DC2327J5005AHF Datasheet
183Kb / 6P
   Ultra Low Profile 0805
DC0710J5005AHF ANAREN-DC0710J5005AHF Datasheet
418Kb / 6P
   Ultra Low Profile 0805
DC1722J5005AHF ANAREN-DC1722J5005AHF Datasheet
184Kb / 6P
   Ultra Low Profile 0805
logo
Emerson Network Power
AUD EMERSON-NETWORKPOWER-AUD Datasheet
87Kb / 2P
   Ultra Low Profile - 4.3mm
logo
Anaren Microwave
DC3338J5005AHF ANAREN-DC3338J5005AHF Datasheet
178Kb / 6P
   Ultra Low Profile 0805
DC4859J5005AHF ANAREN-DC4859J5005AHF Datasheet
180Kb / 6P
   Ultra Low Profile 0805
logo
Taoglas antenna solutio...
FXP74.07.0100A TAOGLAS-FXP74.07.0100A Datasheet
1Mb / 14P
   Flexible, Ultra Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com