Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MZ0810L-471KF Datasheet(PDF) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MZ0810L-471KF
Description  Radial Leaded Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MZ0810L-471KF Datasheet(HTML) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MZ0810L-471KF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MZ0810L-471KF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MZ0810L-471KF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MZ0810L-471KF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
 
1 
1MZ-L Series
Radial Leaded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MZ‐L‐2014A
Accetek 
A FEATURES
 Low cost, high efficiency option for choke applications
 Low DC-resistance
 Current ratings up to 5 Amps
 Inductance values from 1.0μH to 47mH
 Operating Temperature range from -40°C to +125°C (Including Self-heating)
B PART NUMBER SYSTEM
1MZ
0810
L
-
100
M
F
❶ 
❷ 
❸ 
 
❹ 
❺ 
❻ 
 
❶ 
Series
❷ 
Dimension Code (D*H) (mm)
1MZ
Series Code
0608 (Φ7.5max×10max)
0810 (Φ10.5max×12max)
1012 (Φ12max×15max)
Extended Series Code
❹ 
Inductance Code
❺ 
Inductance Tolerance
e.g.
Calculation
K
±10%
2R2
2.2μH
M
±20%
100
10×100μH = 10μH
101
10×101μH = 100μH
❻ 
RoHS Compliant
C DRAWINGS AND DIMENSIONS
 
Drawings
Schematic
A
B
C
E
D
1
2
Case Size
Dimensions (mm)
Amax
Bmax
Cref
Dref
E
1MZ0608L
7.5
10.0
15.0
0.6
3.0±0.5
1MZ0810L
10.5
12.0
15.0
0.6
5.0±0.5
1MZ1012L
12.0
15.0
15.0
0.6
5.0±0.5


Similar Part No. - 1MZ0810L-471KF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1MZ0810-100KF ACCETEK-1MZ0810-100KF Datasheet
441Kb / 5P
   Radial Leaded Power Inductor
1MZ0810-101KF ACCETEK-1MZ0810-101KF Datasheet
441Kb / 5P
   Radial Leaded Power Inductor
1MZ0810-102KF ACCETEK-1MZ0810-102KF Datasheet
441Kb / 5P
   Radial Leaded Power Inductor
1MZ0810-103KF ACCETEK-1MZ0810-103KF Datasheet
441Kb / 5P
   Radial Leaded Power Inductor
1MZ0810-120KF ACCETEK-1MZ0810-120KF Datasheet
441Kb / 5P
   Radial Leaded Power Inductor
More results

Similar Description - 1MZ0810L-471KF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTVF-1 CT-CTVF-1 Datasheet
378Kb / 1P
   Power Inductor - Radial Leaded
logo
Accetek Electronics (Sh...
1MZ ACCETEK-1MZ Datasheet
441Kb / 5P
   Radial Leaded Power Inductor
logo
Central Technologies
CTVF-0 CT-CTVF-0 Datasheet
368Kb / 1P
   Power Inductor - Radial Leaded
logo
XFMRS Inc.
XFRL-1256-1-68 XFMRS-XFRL-1256-1-68 Datasheet
36Kb / 1P
   RADIAL LEADED INDUCTOR
RLXF0811-822J XFMRS-RLXF0811-822J Datasheet
31Kb / 1P
   Radial Leaded Inductor
XFRL1310-650 XFMRS-XFRL1310-650 Datasheet
35Kb / 1P
   Radial Leaded Inductor
XFRL-5480-4-100 XFMRS-XFRL-5480-4-100 Datasheet
34Kb / 1P
   RADIAL LEADED INDUCTOR
XFRL-1256-1-5 XFMRS-XFRL-1256-1-5 Datasheet
36Kb / 1P
   RADIAL LEADED INDUCTOR
XFRL-1256-1-22 XFMRS-XFRL-1256-1-22 Datasheet
45Kb / 1P
   RADIAL LEADED INDUCTOR
XFRL-1256-1-47 XFMRS-XFRL-1256-1-47 Datasheet
36Kb / 1P
   RADIAL LEADED INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com