Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2BA6944B-02F Datasheet(PDF) 6 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 2BA6944B-02F
Description  SMD Balun Transformers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

2BA6944B-02F Datasheet(HTML) 6 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  2BA6944B-02F Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 2BA6944B-02F Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 2BA6944B-02F Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 2BA6944B-02F Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 2BA6944B-02F Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 2BA6944B-02F Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
 
 
 
6 
2BA Series
SMD Balun Transformers
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:2BA‐2014A
Accetek 
G TAPE AND REEL SPECIFICATIONS
A
B
C
E
D
W
P
P0
P1
T
H
Case Size
Parts per Reel
Reel Dimensions(REF)
Tape Dimensions(REF)
A
B
C
D
E
W
P
P0
P1
H
T
2BA5532
2000
330
100
13
19
12.4
12
8
4
2
4.0
0.4
2BA6936
1000
330
100
13
19
12.4
12
12
4
2
4.0
0.4
2BA6944
1000
330
100
13
19
12.4
12
12
4
2
5.0
0.4
F RECOMMENDED SOLDERING PROFILE
Profile Feature
Recommended Conditions
Average ramp-up rate
3°C/second max.
(Tsmax to Tp)
Preheat
Temperature Min (Tsmin)
100°C
Temperature Max (Tsmax)
150°C
Time (Tsmin to Tsmax)(ts)
60-180 seconds
Time maintained above:
Temperature (TL)
217°C
Time (tL)
60-150 seconds
Peak Temperature (Tp)
See Table2
Time within 5°C of actual Peak
20-40 seconds
Temperature (tp)2
Ramp-down Rate
6°C/second max.
Time 25°C to Peak Temperature
8 minutes max
Package
Volume mm3
Volume mm3
Volume mm3
Thickness
<350
350 - 2000
>2000
< 1.6mm
260°C
260°C
260°C
1.6mm - 2.5mm
260°C
250°C
245°C
>2.5mm
250°C
245°C
245°C
Table 2
Table 1
1. The above profiles are based on IPC/JEDEC J-STD-020C.
2. Exceeding these conditions may cause lowered product
reliability.


Similar Part No. - 2BA6944B-02F

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2BA POMONA-2BA Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
2BA-18 POMONA-2BA-18 Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
2BA-24 POMONA-2BA-24 Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
2BA-36 POMONA-2BA-36 Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
2BA-48 POMONA-2BA-48 Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
More results

Similar Description - 2BA6944B-02F

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ATB3225-75011CT TDK-ATB3225-75011CT_16 Datasheet
173Kb / 13P
   Balun Transformers Wound SMD
ATB2012-50011-T000 TDK-ATB2012-50011-T000 Datasheet
168Kb / 13P
   Balun Transformers Wound SMD
logo
MPS Industries, Inc.
R36560 MPSIND-R36560 Datasheet
611Kb / 2P
   BALUN TRANSFORMERS
logo
TDK Electronics
ATB2012-75011 TDK-ATB2012-75011 Datasheet
168Kb / 13P
   Balun Transformers
logo
Pulse A Technitrol Comp...
CX2142NL PULSE-CX2142NL Datasheet
178Kb / 2P
   BALUN TRANSFORMERS
logo
TOKO, Inc
B5FL TOKO-B5FL Datasheet
149Kb / 1P
   Balun Transformers
616DB-1191 TOKO-616DB-1191 Datasheet
178Kb / 1P
   Balun Transformers
logo
XFMRS Inc.
XFWB1194 XFMRS-XFWB1194 Datasheet
37Kb / 1P
   BALUN TRANSFORMERS
logo
TOKO, Inc
B4F TOKO-B4F Datasheet
194Kb / 2P
   Balun Transformers
617DB-1653 TOKO-617DB-1653 Datasheet
290Kb / 2P
   Balun Transformers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com