Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1ME3015-470MF Datasheet(PDF) 11 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME3015-470MF
Description  Magnetic epoxy shielded construction reduces 30% or more component volume
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME3015-470MF Datasheet(HTML) 11 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Back Button 1ME3015-470MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3015-470MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3015-470MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3015-470MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3015-470MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3015-470MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3015-470MF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3015-470MF Datasheet HTML 10Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3015-470MF Datasheet HTML 11Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
 
 
 
11 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐2014A
Accetek 
F RECOMMENDED SOLDER REFLOW PROFILE
Profile Feature
Recommended Conditions
Average ramp-up rate
3°C/second max.
(Tsmax to Tp)
Preheat
Temperature Min (Tsmin)
100°C
Temperature Max (Tsmax)
150°C
Time (Tsmin to Tsmax)(ts)
60-180 seconds
Time maintained above:
Temperature (TL)
217°C
Time (tL)
60-150 seconds
Peak Temperature (Tp)
See Table2
Time within 5°C of actual Peak
20-40 seconds
Temperature (tp)2
Ramp-down Rate
6°C/second max.
Time 25°C to Peak Temperature
8 minutes max
Package
Volume mm3
Volume mm3
Volume mm3
Thickness
<350
350 - 2000
>2000
< 1.6mm
260°C
260°C
260°C
1.6mm - 2.5mm
260°C
250°C
245°C
>2.5mm
250°C
245°C
245°C
Table 2
Table 1
1. The above profiles are based on IPC/JEDEC J-STD-020C.
2. Exceeding these conditions may cause lowered product
reliability.


Similar Part No. - 1ME3015-470MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1ME3015H-100MF ACCETEK-1ME3015H-100MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3015H-150MF ACCETEK-1ME3015H-150MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3015H-1R0MF ACCETEK-1ME3015H-1R0MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3015H-1R5MF ACCETEK-1ME3015H-1R5MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3015H-220MF ACCETEK-1ME3015H-220MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
More results

Similar Description - 1ME3015-470MF

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF5040-470M XFMRS-XF5040-470M Datasheet
47Kb / 1P
   MAGNETIC EPOXY SHIELDED
logo
MPS Industries, Inc.
PSF109 MPSIND-PSF109 Datasheet
474Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF8040 MPSIND-PSF8040 Datasheet
468Kb / 1P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF74 MPSIND-PSF74 Datasheet
498Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
logo
List of Unclassifed Man...
3410VM ETC-3410VM Datasheet
154Kb / 2P
   U.V and/or Visible light and/or Heat Curable One Component Epoxy
12/2004
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Microsemi Corporation
SGE2658-1 MICROSEMI-SGE2658-1 Datasheet
176Kb / 1P
   Magnetic Component Specification
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com