Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MC105-560KF Datasheet(PDF) 5 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MC105-560KF
Description  Saturation current rating up to 15.3 Amps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MC105-560KF Datasheet(HTML) 5 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MC105-560KF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC105-560KF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC105-560KF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC105-560KF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC105-560KF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
 
 
5 
1MC Series
Unshielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MC‐2013A
Accetek 
E TAPE AND REEL SPECIFICATIONS
A
B
C
E
D
0
1
w
T
Case Size
Parts per Reel
Reel Dimensions(REF)
Tape Dimensions(REF)
A
B
C
D
E
W
P
P0
P1
H
T
1MC31
3000
330
100
13
19.5
13.5
12
8
4
2
1.8
0.35
1MC32
3000
330
100
13
19.5
13.5
12
8
4
2
2.3
0.35
1MC43
2000
330
100
13
19.5
13.5
12
8
4
2
3.6
0.4
1MC54
1500
330
100
13
19.5
13.5
12
8
4
2
4.8
0.4
1MC75
1000
330
100
13
22.5
16.5
16
12
4
2
5.3
0.4
1MC105
500
330
100
13
22.5
16.5
24
16
4
2
6.1
0.4
F RECOMMENDED SOLDER REFLOW PROFILE
Profile Feature
Recommended Conditions
Average ramp-up rate
3°C/second max.
(Tsmax to Tp)
Preheat
Temperature Min (Tsmin)
100°C
Temperature Max (Tsmax)
150°C
Time (Tsmin to Tsmax)(ts)
60-180 seconds
Time maintained above:
Temperature (TL)
217°C
Time (tL)
60-150 seconds
Peak Temperature (Tp)
See Table2
Time within 5°C of actual Peak
20-40 seconds
Temperature (tp)2
Ramp-down Rate
6°C/second max.
Time 25°C to Peak Temperature
8 minutes max
Package
Volume mm3
Volume mm3
Volume mm3
Thickness
<350
350 - 2000
>2000
< 1.6mm
260°C
260°C
260°C
1.6mm - 2.5mm
260°C
250°C
245°C
>2.5mm
250°C
245°C
245°C
Table 2
Table 1
1. The above profiles are based on IPC/JEDEC J-STD-020C.
2. Exceeding these conditions may cause lowered product
reliability.


Similar Part No. - 1MC105-560KF

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC10-029-08 RMT-1MC10-029-08 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MC10-029-08 RMT-1MC10-029-08 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
1MC10-029-10 RMT-1MC10-029-10 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MC10-029-10 RMT-1MC10-029-10 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
1MC10-029-15 RMT-1MC10-029-15 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
More results

Similar Description - 1MC105-560KF

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
54-848-005 APITECH-54-848-005 Datasheet
252Kb / 2P
   Current ratings up to 100 Amps
logo
Zilog, Inc.
Z8F2480 ZILOG-Z8F2480 Datasheet
558Kb / 24P
   Load current up to 3 amps
logo
PHOENIX CONTACT
2702255 PHOENIX-2702255 Datasheet
245Kb / 6P
   Up to 15.3 Mbps in 2-wire operation
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
logo
List of Unclassifed Man...
NPI52W151MTRF ETC2-NPI52W151MTRF Datasheet
92Kb / 4P
   HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
logo
Pulse A Technitrol Comp...
PE-53653NLT PULSE-PE-53653NLT Datasheet
181Kb / 2P
   Fifteen package sizes, Current Rating: up to 23.8ADC, Frequency Range: up to 1MHz
logo
Crydom Inc.,
DR24D03 CRYDOM-DR24D03 Datasheet
854Kb / 7P
   Rating 3 Amps
logo
Nell Semiconductor Co.,...
2000PT NELLSEMI-2000PT Datasheet
3Mb / 2P
   Voltage rating up to 1600V
1260PT NELLSEMI-1260PT Datasheet
1Mb / 2P
   Voltage rating up to 1200V
2500PT NELLSEMI-2500PT Datasheet
2Mb / 3P
   Voltage rating up to 1600V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com