Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MT322512-1R0MF Datasheet(PDF) 6 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MT322512-1R0MF
Description  High Current Shielded Power Inductor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MT322512-1R0MF Datasheet(HTML) 6 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MT322512-1R0MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT322512-1R0MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT322512-1R0MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT322512-1R0MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT322512-1R0MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT322512-1R0MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT322512-1R0MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT322512-1R0MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
 
 
 
6 
1MT Series
High Current Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                          1MT‐2014E
Accetek 
Inductance1
DCR2
Part Number
μH
Tolerance
Typ.(mΩ)
Max.(mΩ)
Irms3(A)
Isat4(A)
1MT1350-3R3MF
3.3
±20%
7.8
9.2
15.0
32.0
1MT1350-4R7MF
4.7
±20%
13.0
15.0
12.0
27.0
1MT1350-5R6MF
5.6
±20%
14.0
16.5
11.5
22.0
1MT1350-6R8MF
6.8
±20%
15.5
18.5
11.0
21.0
1MT1360-120MF
12
±20%
20.0
23.0
7.0
10.0
1MT1360-150MF
15
±20%
25.0
29.0
6.0
9.0
1MT1360-180MF
18
±20%
30.0
35.0
5.0
8.0
1MT1360-220MF
22
±20%
34.0
40.0
5.0
7.5
1MT1360-270MF
27
±20%
40.0
53.0
4.5
6.5
1MT1360-330MF
33
±20%
45.0
60.0
4.5
6.0
1MT1360-390MF
39
±20%
50.0
65.0
4.0
5.0
1MT1360-121MF
120
±20%
210.0
235.0
2.3
3.2
1MT1360-151MF
150
±20%
300.0
350.0
2.0
2.7
1MT1365-R22MF
0.22
±20%
0.6
0.7
47.0
110.0
1MT1365-R33MF
0.33
±20%
0.8
0.9
41.0
65.0
1MT1365-R47MF
0.47
±20%
1.0
1.2
38.0
60.0
1MT1365-R56MF
0.56
±20%
1.2
1.4
35.0
60.0
1MT1365-R68MF
0.68
±20%
1.4
1.6
32.0
60.0
1MT1365-R82MF
0.82
±20%
1.6
1.9
30.0
50.0
1MT1365-1R0MF
1.0
±20%
1.7
2.0
28.0
49.0
1MT1365-1R5MF
1.5
±20%
2.5
3.0
25.0
45.0
1MT1365-2R2MF
2.2
±20%
3.5
4.2
20.0
40.0
1MT1365-3R3MF
3.3
±20%
5.7
6.8
15.0
35.0
1MT1365-4R7MF
4.7
±20%
8.0
8.7
13.0
30.0
1MT1365-5R6MF
6.0
±20%
9.3
10.0
12.0
26.0
1MT1365-6R8MF
6.8
±20%
13.1
14.0
10.0
17.0
1MT1365-8R2MF
8.2
±20%
14.5
15.5
9.5
16.0
1MT1365-100MF
10
±20%
15.8
16.8
9.0
15.0
1MT1365-120MF
12
±20%
19.5
22.0
8.0
14.0
1MT1365-150MF
15
±20%
40.0
43.0
5.5
12.0
1MT1365-180MF
18
±20%
40.0
43.0
5.5
12.0
1MT1365-220MF
22
±20%
42.0
45.0
5.5
8.0
1MT1365-270MF
27
±20%
48.0
53.0
5.0
7.0
1MT1365-330MF
33
±20%
54.0
60.0
5.0
6.0
1MT1365-390MF
39
±20%
60.0
65.0
4.5
5.0
1. Inductance measured @ 100KHz, 0.3V at 25°C temperature.
2. DCR measured @ 25°C.
3. Irms: DC current for an approximate 40°C rise from 20°C ambient temperature.
4. Isat: DC current for approximate 25% roll off at 25°C.
5. Specifications subject to change without notice please check our website for latest information.


Similar Description - 1MT322512-1R0MF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI7318 ABRACON-ASPI7318 Datasheet
2Mb / 3P
   HIGH CURRENT SHIELDED POWER INDUCTOR
10.11.12
logo
Central Technologies
CTQFW4228F CT-CTQFW4228F Datasheet
388Kb / 2P
   High Current Power Inductor-Shielded
REV 08.14.19
CTVFW2724F CT-CTVFW2724F Datasheet
435Kb / 2P
   High Current Power Inductor-Shielded
REV 08.14.19
CTHFW2014F CT-CTHFW2014F Datasheet
512Kb / 2P
   SMD High Current Power Inductor - Shielded
CTHFW2915F CT-CTHFW2915F Datasheet
516Kb / 2P
   SMD High Current Power Inductor - Shielded
CTHFW2918F CT-CTHFW2918F Datasheet
525Kb / 2P
   SMD High Current Power Inductor - Shielded
logo
Abracon Corporation
ASPI-4118-XXX ABRACON-ASPI-4118-XXX Datasheet
70Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
ASPI-5123-XXX ABRACON-ASPI-5123-XXX Datasheet
73Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
ASPI-6P-XXX ABRACON-ASPI-6P-XXX Datasheet
180Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
ASPI-7318 ABRACON-ASPI-7318 Datasheet
67Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com