Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MC105-120MF Datasheet(PDF) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MC105-120MF
Description  Saturation current rating up to 15.3 Amps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MC105-120MF Datasheet(HTML) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MC105-120MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC105-120MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC105-120MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC105-120MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MC105-120MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
 
4 
1MC Series
Unshielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MC‐2013A
Accetek 
Inductance1
DCR2
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms3(A)
Isat4(A)
1MC75-101KF
100
±10%
0.208
0.430
0.77
0.86
1MC75-121KF
120
±10%
0.308
0.470
0.67
0.81
1MC75-151KF
150
±10%
0.467
0.640
0.60
0.71
1MC75-181KF
180
±10%
0.574
0.710
0.55
0.57
1MC75-221KF
220
±10%
0.614
0.960
0.51
0.56
1MC75-271KF
270
±10%
0.699
1.110
0.47
0.51
1MC75-331KF
330
±10%
0.810
1.260
0.43
0.48
1MC75-391KF
390
±10%
1.151
1.770
0.38
0.43
1MC75-471KF
470
±10%
1.370
1.960
0.36
0.38
1MC105-1R2MF
1.2
±20%
0.004
0.006
7.40
11.00
1MC105-2R2MF
2.2
±20%
0.007
0.010
7.00
8.00
1MC105-3R3MF
3.3
±20%
0.009
0.015
6.00
7.00
1MC105-4R7MF
4.7
±20%
0.012
0.017
5.00
6.00
1MC105-5R6MF
5.6
±20%
0.015
0.019
4.80
4.50
1MC105-6R8MF
6.8
±20%
0.016
0.022
4.40
5.00
1MC105-8R2MF
8.2
±20%
0.020
0.026
4.20
4.25
1MC105-100MF
10
±20%
0.028
0.060
2.98
3.24
1MC105-120MF
12
±20%
0.033
0.070
2.72
3.15
1MC105-150MF
15
±20%
0.034
0.080
2.47
2.88
1MC105-180MF
18
±20%
0.043
0.090
2.36
2.43
1MC105-220MF
22
±20%
0.051
0.100
2.04
2.07
1MC105-270MF
27
±20%
0.063
0.110
1.95
1.98
1MC105-330MF
33
±20%
0.083
0.120
1.78
1.89
1MC105-390MF
39
±20%
0.098
0.140
1.62
1.8
1MC105-470KF
47
±10%
0.095
0.170
1.45
1.62
1MC105-560KF
56
±10%
0.112
0.190
1.36
1.53
1MC105-680KF
68
±10%
0.138
0.220
1.19
1.49
1MC105-820KF
82
±10%
0.150
0.250
1.11
1.17
1MC105-101KF
100
±10%
0.200
0.350
1.02
1.1
1MC105-121KF
120
±10%
0.243
0.400
0.94
0.99
1MC105-151KF
150
±10%
0.300
0.470
0.81
0.9
1MC105-181KF
180
±10%
0.320
0.630
0.76
0.78
1MC105-221KF
220
±10%
0.451
0.730
0.67
0.77
1MC105-271KF
270
±10%
0.500
0.970
0.62
0.68
1MC105-331KF
330
±10%
0.750
1.150
0.52
0.59
1MC105-391KF
390
±10%
0.794
1.300
0.49
0.54
1MC105-471KF
470
±10%
0.969
1.480
0.44
0.50
1MC105-561KF
560
±10%
1.047
1.900
0.39
0.47
1MC105-681KF
680
±10%
1.245
2.250
0.36
0.43
1MC105-821KF
820
±10%
1.420
2.550
0.32
0.41
1. Inductance measured @ 100KHz, 0.3V at 25°C temperature.
2. DCR measured @ 25°C.
3. Irms: DC current for an approximate 40°C rise from 20°C ambient temperature.
4. Isat: DC current for approximate 10% roll off at 25°C.
5. Specifications subject to change without notice please check our website for latest information.


Similar Part No. - 1MC105-120MF

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC10-029-08 RMT-1MC10-029-08 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MC10-029-08 RMT-1MC10-029-08 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
1MC10-029-10 RMT-1MC10-029-10 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MC10-029-10 RMT-1MC10-029-10 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
1MC10-029-15 RMT-1MC10-029-15 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
More results

Similar Description - 1MC105-120MF

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
54-848-005 APITECH-54-848-005 Datasheet
252Kb / 2P
   Current ratings up to 100 Amps
logo
Zilog, Inc.
Z8F2480 ZILOG-Z8F2480 Datasheet
558Kb / 24P
   Load current up to 3 amps
logo
PHOENIX CONTACT
2702255 PHOENIX-2702255 Datasheet
245Kb / 6P
   Up to 15.3 Mbps in 2-wire operation
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
logo
List of Unclassifed Man...
NPI52W151MTRF ETC2-NPI52W151MTRF Datasheet
92Kb / 4P
   HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
logo
Pulse A Technitrol Comp...
PE-53653NLT PULSE-PE-53653NLT Datasheet
181Kb / 2P
   Fifteen package sizes, Current Rating: up to 23.8ADC, Frequency Range: up to 1MHz
logo
Crydom Inc.,
DR24D03 CRYDOM-DR24D03 Datasheet
854Kb / 7P
   Rating 3 Amps
logo
Nell Semiconductor Co.,...
2000PT NELLSEMI-2000PT Datasheet
3Mb / 2P
   Voltage rating up to 1600V
1260PT NELLSEMI-1260PT Datasheet
1Mb / 2P
   Voltage rating up to 1200V
2500PT NELLSEMI-2500PT Datasheet
2Mb / 3P
   Voltage rating up to 1600V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com