Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1ME4012H-330MF Datasheet(PDF) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME4012H-330MF
Description  Low Profile Shielded Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME4012H-330MF Datasheet(HTML) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1ME4012H-330MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4012H-330MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4012H-330MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4012H-330MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME4012H-330MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
 
4 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐H‐2014A
Accetek 
Inductance
DCR
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms(A)
Isat(A)
1ME4018H-330MF
33.0
±20%
0.460
0.552
0.82
0.90
1ME4018H-470MF
47.0
±20%
0.620
0.744
0.73
0.70
1ME4018H-680MF
68.0
±20%
0.810
0.972
0.62
0.62
1ME4018H-101MF
100.0
±20%
1.300
1.560
0.47
0.57
1ME4018H-151MF
150.0
±20%
2.600
3.120
0.33
0.47
1ME4018H-221MF
220.0
±20%
3.200
3.840
0.29
0.38
1ME4018H-331MF
330.0
±20%
4.900
5.880
0.23
0.31
1ME8030H-1R0NF
1
±30%
0.009
0.012
7.30
9.00
1ME8030H-1R5NF
1.5
±30%
0.012
0.016
6.20
7.60
1ME8030H-2R2MF
2.2
±20%
0.015
0.020
5.70
6.30
1ME8030H-3R3MF
3.3
±20%
0.019
0.025
5.10
5.10
1ME8030H-4R7MF
4.7
±20%
0.022
0.029
4.70
4.30
1ME8030H-6R8MF
6.8
±20%
0.029
0.038
3.90
3.50
1ME8030H-100MF
10.0
±20%
0.033
0.043
3.70
2.80
1ME8030H-150MF
15.0
±20%
0.060
0.078
2.80
2.40
1ME8030H-220MF
22.0
±20%
0.070
0.091
2.40
2.00
1ME8030H-330MF
33.0
±20%
0.120
0.156
2.10
1.70
1ME8030H-470MF
47.0
±20%
0.170
0.221
1.70
1.40
1. Inductance measured @ 100KHz, 0.3V at 25°C temperature.
2. DCR measured @ 25°C.
3. Irms for an approximate 40°C rise from 20°C ambient temperature.
4. Isat for approximate 30% roll off at 25°C.
5. Specifications subject to change without notice please check our website for latest information.
E TAPE AND REEL SPECIFICATIONS
A
B
C
E
D
W
P
P0
P1
H
T
Case Size
Parts per Reel
Reel Dimensions(REF)
Tape Dimensions(REF)
A
B
C
D
E
W
P
P0
P1
H
T
1ME201610H
2000
178
58
13
13
9.0
8
4
4
2
1.2
0.3
1ME252010H
2000
178
58
13
13
9.0
8
4
4
2
1.2
0.3
1ME252012H
2000
178
58
13
13
9.0
8
4
4
2
1.4
0.3
1ME3012H
2000
178
58
13
13
9.0
8
4
4
2
1.6
0.3
1ME3015H
2000
178
58
13
13
9.0
8
4
4
2
1.9
0.3
1ME4012H
4500
330
100
13
19
12.4
12
8
4
2
1.6
0.3
1ME4018H
3000
330
100
13
19
12.4
12
8
4
2
2.4
0.3
1ME8030H
1500
330
100
13
22
16.4
16
12
4
2
3.4
0.4


Similar Part No. - 1ME4012H-330MF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1ME4012-100MF ACCETEK-1ME4012-100MF Datasheet
312Kb / 11P
   Magnetic epoxy shielded construction reduces 30% or more component volume
1ME4012-101MF ACCETEK-1ME4012-101MF Datasheet
312Kb / 11P
   Magnetic epoxy shielded construction reduces 30% or more component volume
1ME4012-120MF ACCETEK-1ME4012-120MF Datasheet
312Kb / 11P
   Magnetic epoxy shielded construction reduces 30% or more component volume
1ME4012-150MF ACCETEK-1ME4012-150MF Datasheet
312Kb / 11P
   Magnetic epoxy shielded construction reduces 30% or more component volume
1ME4012-180MF ACCETEK-1ME4012-180MF Datasheet
312Kb / 11P
   Magnetic epoxy shielded construction reduces 30% or more component volume
More results

Similar Description - 1ME4012H-330MF

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-4017 RENCO-RL-4017 Datasheet
109Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
RL-4013 RENCO-RL-4013 Datasheet
428Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
RL-4014 RENCO-RL-4014 Datasheet
428Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
RL-3014 RENCO-RL-3014 Datasheet
428Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
RL-3013 RENCO-RL-3013 Datasheet
428Kb / 2P
   SHIELDED LOW PROFILE POWER INDUCTOR
logo
Datatronic Distribution...
DR363-102 DATATRONICS-DR363-102 Datasheet
76Kb / 1P
   LOW PROFILE SHIELDED SMD POWER INDUCTOR
logo
Abracon Corporation
ASPI-0840 ABRACON-ASPI-0840 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
10.04.13
ASPI-2410 ABRACON-ASPI-2410 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
10.20.11
ASPI-0628 ABRACON-ASPI-0628 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
03.16.12
ASPI-2510 ABRACON-ASPI-2510 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
09.06.11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com