Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1ME3012-2R4NF Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME3012-2R4NF
Description  Magnetic epoxy shielded construction reduces 30% or more component volume
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME3012-2R4NF Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1ME3012-2R4NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-2R4NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-2R4NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-2R4NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-2R4NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-2R4NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-2R4NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-2R4NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-2R4NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 
 
 
2 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐2014A
Accetek 
C DRAWINGS AND DIMENSIONS
 
Fig.A - 1ME2520
Fig.B - 1ME30xx,40xx,60xx,80xx
A
B
C
D
E
E
F
H
I
J
I
Land Pattern
B
A
C
D
E
F
E
H
I
J
I
Land Pattern
Fig.C - 1ME50xx
Schematic
B
A
C
D
E
F
E
I
J
I
H
Land Pattern
1
2
XXX = Inductance value
Case Size
Dimensions (mm)
Fig.
A
B
Cmax
D
E
F
Href.
Iref.
Jref.
1ME252010
2.5±0.1
2.0±0.1
1.0
1.5±0.2
0.8±0.2
0.8±0.2
2.0
0.85
0.8
A
1ME252012
2.5±0.1
2.0±0.1
1.2
1.5±0.2
0.8±0.2
0.8±0.2
2.0
0.85
0.8
A
1ME3010
3.0±0.2
3.0±0.2
1.0
2.5±0.2
0.75±0.2
1.5±0.2
2.7
0.8
1.5
B
1ME3012
3.0±0.2
3.0±0.2
1.2
2.5±0.2
0.75±0.2
1.5±0.2
2.7
0.8
1.5
B
1ME3015
3.0±0.2
3.0±0.2
1.5
2.5±0.2
0.75±0.2
1.5±0.2
2.7
0.8
1.5
B
1ME4010
4.0±0.2
4.0±0.2
1.0
3.3±0.2
0.95±0.2
2.1±0.2
3.7
1.1
1.9
B
1ME4012
4.0±0.2
4.0±0.2
1.2
3.3±0.2
0.95±0.2
2.1±0.2
3.7
1.1
1.9
B
1ME4018
4.0±0.2
4.0±0.2
1.8
3.3±0.2
0.95±0.2
2.1±0.2
3.7
1.1
1.9
B
1ME4020
4.0±0.2
4.0±0.2
2.0
3.3±0.2
0.95±0.2
2.1±0.2
3.7
1.1
1.9
B
1ME4026
4.0±0.2
4.0±0.2
2.6
3.3±0.2
0.95±0.2
2.1±0.2
3.7
1.1
1.9
B
1ME4030
4.0±0.2
4.0±0.2
3.0
3.3±0.2
0.95±0.2
2.1±0.2
3.7
1.1
1.9
B
1ME5012
5.0±0.2
5.0±0.2
1.2
4.0±0.2
1.25±0.2
2.5±0.2
4.4
1.5
2.1
C
1ME5020
5.0±0.2
5.0±0.2
2.0
4.0±0.2
1.25±0.2
2.5±0.2
4.2
1.4
2.3
C
1ME5040
5.0±0.2
5.0±0.2
4.0
4.0±0.2
1.25±0.2
2.5±0.2
4.2
1.4
2.3
C
1ME6020
6.0±0.3
6.0±0.3
2.0
4.9±0.2
1.55±0.3
2.9±0.2
5.7
1.7
2.8
B
1ME6028
6.0±0.3
6.0±0.3
2.8
4.9±0.2
1.55±0.3
2.9±0.2
5.7
1.7
2.8
B
1ME6045
6.0±0.3
6.0±0.3
4.5
4.9±0.2
1.55±0.3
2.9±0.2
5.7
1.7
2.8
B
1ME8040
8.0±0.3
8.0±0.3
4.0
6.3±0.2
2.00±0.3
4.0±0.2
7.5
2.2
3.8
B


Similar Part No. - 1ME3012-2R4NF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1ME3012H-100MF ACCETEK-1ME3012H-100MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-1R0MF ACCETEK-1ME3012H-1R0MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-220MF ACCETEK-1ME3012H-220MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-2R2MF ACCETEK-1ME3012H-2R2MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-3R3MF ACCETEK-1ME3012H-3R3MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
More results

Similar Description - 1ME3012-2R4NF

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF5040-470M XFMRS-XF5040-470M Datasheet
47Kb / 1P
   MAGNETIC EPOXY SHIELDED
logo
MPS Industries, Inc.
PSF109 MPSIND-PSF109 Datasheet
474Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF8040 MPSIND-PSF8040 Datasheet
468Kb / 1P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF74 MPSIND-PSF74 Datasheet
498Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
logo
List of Unclassifed Man...
3410VM ETC-3410VM Datasheet
154Kb / 2P
   U.V and/or Visible light and/or Heat Curable One Component Epoxy
12/2004
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Microsemi Corporation
SGE2658-1 MICROSEMI-SGE2658-1 Datasheet
176Kb / 1P
   Magnetic Component Specification
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com