Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1ME3012-2R4NF Datasheet(PDF) 7 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME3012-2R4NF
Description  Magnetic epoxy shielded construction reduces 30% or more component volume
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME3012-2R4NF Datasheet(HTML) 7 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Back Button 1ME3012-2R4NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-2R4NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-2R4NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-2R4NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-2R4NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-2R4NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-2R4NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-2R4NF Datasheet HTML 10Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-2R4NF Datasheet HTML 11Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
 
 
 
7 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐2014A
Accetek 
Inductance1
DCR2
Drawing
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms3(A)
Isat4(A)
Fig.
1ME5012-3R3NF
3.3
±30%
0.126
0.164
1.70
2.45
C
1ME5012-4R7NF
4.7
±30%
0.164
0.213
1.50
2.20
C
1ME5012-6R8MF
6.8
±20%
0.245
0.319
1.25
1.75
C
1ME5012-100MF
10
±20%
0.344
0.447
1.05
1.40
C
1ME5012-150MF
15
±20%
0.436
0.567
0.92
1.25
C
1ME5020-R47NF
0.47
±30%
0.013
0.017
4.60
6.15
C
1ME5020-R75NF
0.75
±30%
0.017
0.022
4.00
5.50
C
1ME5020-1R0NF
1.0
±30%
0.020
0.026
3.80
4.10
C
1ME5020-1R2NF
1.2
±30%
0.022
0.029
3.55
4.50
C
1ME5020-1R5NF
1.5
±30%
0.026
0.034
3.20
4.10
C
1ME5020-2R2NF
2.2
±30%
0.032
0.042
2.90
3.20
C
1ME5020-2R7NF
2.7
±30%
0.038
0.049
2.70
2.90
C
1ME5020-3R0NF
3.0
±30%
0.038
0.049
2.70
2.55
C
1ME5020-3R3NF
3.3
±30%
0.043
0.056
2.50
2.55
C
1ME5020-3R6NF
3.6
±30%
0.043
0.056
2.50
2.80
C
1ME5020-3R9NF
3.9
±30%
0.043
0.056
2.50
2.30
C
1ME5020-4R3MF
4.3
±20%
0.057
0.074
2.20
2.50
C
1ME5020-4R7MF
4.7
±20%
0.057
0.074
2.20
2.50
C
1ME5020-5R1MF
5.1
±20%
0.064
0.083
2.05
2.25
C
1ME5020-5R6MF
5.6
±20%
0.064
0.083
2.05
2.30
C
1ME5020-6R8MF
6.8
±20%
0.083
0.108
1.80
2.05
C
1ME5020-7R5MF
7.5
±20%
0.090
0.117
1.75
1.85
C
1ME5020-8R2MF
8.2
±20%
0.098
0.127
1.65
1.85
C
1ME5020-9R1MF
9.1
±20%
0.110
0.143
1.55
1.70
C
1ME5020-100MF
10
±20%
0.110
0.143
1.55
1.70
C
1ME5020-120MF
12
±20%
0.140
0.182
1.40
1.50
C
1ME5020-150MF
15
±20%
0.165
0.215
1.25
1.35
C
1ME5020-180MF
18
±20%
0.200
0.260
1.15
1.25
C
1ME5020-220MF
22
±20%
0.226
0.294
1.10
1.15
C
1ME5020-330MF
33
±20%
0.390
0.507
0.90
0.92
C
1ME5020-470MF
47
±20%
0.523
0.679
0.77
0.77
C
1ME5020-560MF
56
±20%
0.630
0.819
0.70
0.77
C
1ME5020-101MF
100
±20%
1.100
1.430
0.53
0.53
C
1ME5040-1R0NF
1.0
±30%
0.012
0.016
4.90
7.35
C
1ME5040-1R5NF
1.5
±30%
0.015
0.020
4.30
6.30
C
1ME5040-2R2NF
2.2
±30%
0.019
0.025
3.80
4.90
C
1ME5040-2R7NF
2.7
±30%
0.022
0.029
3.60
4.30
C
1ME5040-3R3NF
3.3
±30%
0.024
0.031
3.40
3.95
C
1ME5040-3R9NF
3.9
±30%
0.027
0.035
3.20
3.55
C
1ME5040-4R7NF
4.7
±30%
0.030
0.039
3.00
3.50
C
1ME5040-6R8MF
6.8
±20%
0.043
0.056
2.50
2.90
C
1ME5040-100MF
10
±20%
0.064
0.083
2.10
2.35
C
1ME5040-150MF
15
±20%
0.086
0.112
2.00
2.00
C
1ME5040-220MF
22
±20%
0.129
0.168
1.50
1.60
C
1ME5040-330MF
33
±20%
0.188
0.244
1.20
1.30
C
1ME5040-470MF
47
±20%
0.272
0.354
1.00
1.10
C
1ME5040-680MF
68
±20%
0.400
0.520
0.80
0.90
C
1ME5040-101MF
100
±20%
0.560
0.728
0.70
0.75
C
1ME6020-R50NF
0.50
±30%
0.014
0.018
3.30
4.50
B
1ME6020-R68NF
0.68
±30%
0.017
0.022
3.80
6.55
B
1ME6020-R82NF
0.82
±30%
0.017
0.022
3.80
5.30
B
1ME6020-1R0NF
1.0
±30%
0.020
0.026
3.50
4.15
B
1ME6020-1R2NF
1.2
±30%
0.022
0.029
3.20
5.90
B
1ME6020-1R5NF
1.5
±30%
0.022
0.029
3.20
4.25
B
1ME6020-1R8NF
1.8
±30%
0.028
0.036
2.75
4.85
B
1ME6020-2R0NF
2.0
±30%
0.035
0.046
2.60
4.10
B
1ME6020-2R2NF
2.2
±30%
0.028
0.036
3.75
3.75
B


Similar Part No. - 1ME3012-2R4NF

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
1ME3012H-100MF ACCETEK-1ME3012H-100MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-1R0MF ACCETEK-1ME3012H-1R0MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-220MF ACCETEK-1ME3012H-220MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-2R2MF ACCETEK-1ME3012H-2R2MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
1ME3012H-3R3MF ACCETEK-1ME3012H-3R3MF Datasheet
288Kb / 5P
   Low Profile Shielded Power Inductor
More results

Similar Description - 1ME3012-2R4NF

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF5040-470M XFMRS-XF5040-470M Datasheet
47Kb / 1P
   MAGNETIC EPOXY SHIELDED
logo
MPS Industries, Inc.
PSF109 MPSIND-PSF109 Datasheet
474Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF8040 MPSIND-PSF8040 Datasheet
468Kb / 1P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
PSF74 MPSIND-PSF74 Datasheet
498Kb / 2P
   MAGNETIC EPOXY SHIELDED SMT POWER INDUCTOR
logo
List of Unclassifed Man...
3410VM ETC-3410VM Datasheet
154Kb / 2P
   U.V and/or Visible light and/or Heat Curable One Component Epoxy
12/2004
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Microsemi Corporation
SGE2658-1 MICROSEMI-SGE2658-1 Datasheet
176Kb / 1P
   Magnetic Component Specification
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com